Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 4Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 5Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 6Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 7Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 8Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 9Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34713
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.0 V
≤ V
IN ≤ 6.0 V, - 40°C ≤ T
A ≤ 85°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
BUCK CONVERTER (PVIN, SW, PGND, BOOT)
Switching Node (SW) Rise Time (16)
(PVIN = 3.3 V, IOUT = 5.0 A)
tRISE
-
14
-
ns
Switching Node (SW) Fall Time (16)
(PVIN = 3.3 V, IOUT = 5.0 A)
tFALL
-
20
-
ns
Soft Start Duration (Normal Mode)
ILIM= 1.25 - 1.49 V
1.50 - 1.81 V
1.82 - 2.13 V
2.14 - 2.50 V
tSS
-
-
-
-
3.2
1.6
0.8
0.4
-
-
-
-
ms
Over Current Limit Timer
tLIM
-
10
-
ms
Over Current Limit Retry Time-out Period
tTIMEOUT
80
-
120
ms
Output Undervoltage/Overvoltage Filter Delay Timer
tFILTER
5.0
-
25
µs
OSCILLATOR (FREQ)
Oscillator Default Switching Frequency
Oscillator Frequency tolerance is ±10% (FREQ = GND)
fSW
-
1.0
-
MHz
Oscillator Switching Frequency Range
fSW
200
-
1000
KHz
CONTROL AND SUPERVISORY (SD, PG)
PG Reset Delay
tPGRESET
8.0
-
12
ms
Thermal Shutdown Retry Time-out Period (16)
tTIMEOUT
80
-
120
ms
Notes
16.
Design information only, this parameter is not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com