Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 10Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
34713
TYPICAL APPLICATIONS
PROTECTION AND DIAGNOSTIC FEATURES
TYPICAL APPLICATIONS
Figure 6. Typical Applications
VREFIN
VIN
SD
FREQ
VIN
SW
VOUT
VDDI
BOOT
INV
COMP
VOUT
PVIN
PVIN
LED
SW
VIN
INV
COMP
PVIN
VMASTER
LED
VREFIN
VREFIN
SD
VMASTER
VREFIN
GND
VIN
PVIN
GND
VMASTER
VOUT
ILIM
FREQ
VDDI
VOUT
VOUT
PG
ILIM
PG
SW
VREFIN
VREFIN
COMPENSATION NETWORK
PVIN CAPACITORS
BUCK CONVERTER
VIN CAPACITORS
PGOOD LED
VMASTER
OPTIONAL nopop
I/O SIGNALS
JUMPERS
R9
10k
R9
10k
R7
1k
R7
1k
VREFIN
VREFIN
C20
1nF
C20
1nF
R12
10k_nopop
R12
10k_nopop
SD
SD
1
2
J1
CON10A
J1
CON10A
1
2
3
4
5
6
7
8
9
10
R8
10k
R8
10k
COMP
COMP
R1
20k
R1
20k
INV
INV
R5
POT_50K_nopop
R5
POT_50K_nopop
R14
300
R14
300
VOUT
VOUT
C2
1uF
C2
1uF
C6
100uF
C6
100uF
D1
LED
D1
LED
U1
MC34713
U1
MC34713
SGND
1
N/C
5
PG
4
FREQ
2
ILIM
3
SD
6
GND
13
GND
14
SW
15
SW
16
SW
17
PVIN
18
C5
100uF
C5
100uF
R15
15k
R15
15k
VOUT1
VOUT1
R2
12.7k
R2
12.7k
C19
1.9nF
C19
1.9nF
BOOT
BOOT
J2
J2
1
2
3
C16
0.1uF
C16
0.1uF
C3
100uF
C3
100uF
C11
0.1uF
C11
0.1uF
C12
0.1uF
C12
0.1uF
C9
1nF_nopop
C9
1nF_nopop
R3
4.7_nopop
R3
4.7_nopop
J3
J3
1
2
3
C15
0.1uF
C15
0.1uF
ILIM
ILIM
VIN
VIN
C7
100uF
C7
100uF
SW
SW
R11
10k
R11
10k
C14
0.1uF
C14
0.1uF
R13
10k_nopop
R13
10k_nopop
R16
4.7_nopop
R16
4.7_nopop
STBY_nopop
STBY_nopop
1
2
PVIN
PVIN
R10
10k
R10
10k
C17
10uF
C17
10uF
VDDI
VDDI
FREQ
FREQ
C4
100uF
C4
100uF
PG
PG
VOUT2
VOUT2
C8
100uF
C8
100uF
C1
0.1uF
C1
0.1uF
R6
POT_50K_nopop
R6
POT_50K_nopop
C18
0.02nF
C18
0.02nF
D2
PMEG2010EA_nopop
D2
PMEG2010EA_nopop
SD
SD
C13
0.1uF
C13
0.1uF
L1
1.5uH
L1
1.5uH
1
2
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com