Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 21Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
34713
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
1.0
2/2006
•
Pre-release version
•
Implemented Revision History page
2.0
11/2006
•
Initial release
•
Converted format from Market Assessment to Product Preview
•
Major updates to the data, form, and style
3.0
2/2007
•
Major updates to the data, form, and style
4.0
5/2007
•
Changed Feature fom 2% to 1%, relabeled to include soft start
•
Changed 34713 Simplified Application Diagram
•
Made change to 34713 Simplified Internal Block Diagram
•
Removed Machine Model in Maximum Ratings
•
Changed Input DC Supply Current (11) Normal mode and Input DC Supply Current (11) Shutdown
mode
•
Changed Output Voltage Accuracy (12), (14)
•
Changed Soft start Adjusting reference Voltage Range and Short Circuit Current Limit
•
Changed High-Side N-CH Power MOSFET (M3) RDS(ON) (12) and Low-Side N-CH Power
MOSFET (M4) RDS(ON) (12)
•
Changed M2 RDS(ON) and PVIN Pin Leakage Current
•
Changed SD Pin Internal Pull Up Resistor (15)
•
Changed Changed Soft Start Duration (Normal Mode)
•
Changed Over Current Limit Retry Time-out Period and Output Undervoltage/Overvoltage Filter
Delay Timer
•
Changed PG Reset Delay and Thermal Shutdown Retry Time-out Period (16)
•
Changed definition for Soft Start Adjustment input (ILIM)
•
Changed drawings in Typical Applications
•
Changed drawing in Type III Compensation Network
•
Changed table for Soft Start Selection
•
Removed PC34713EP/R2 from the ordering information and added MC34713EP/R2
•
Changed the data sheet status to Advance Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com