Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34713 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 34713
Description  5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34713 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 34713 Datasheet HTML 11Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 12Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 13Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 14Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 15Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 16Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 17Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 18Page - Freescale Semiconductor, Inc 34713 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
34713
TYPICAL APPLICATIONS
PROTECTION AND DIAGNOSTIC FEATURES
COMPONENT SELECTION
SWITCHING FREQUENCY SELECTION
The switching frequency defaults to a value of 1.0 MHz
when the FREQ pin is grounded, and 200 KHz when the
FREQ pin is connected to VDDI. Intermediate switching
frequencies can be obtained by connecting an external
resistor divider to the FREQ pin. The table below shows the
resulting switching frequency versus FREQ pin voltage.
Table 5. Switching Frequency Adjustment
Figure 7. Resistor Divider for Frequency Adjustment
SELECTION OF THE INDUCTOR
Inductor calculation is straight forward, being
where,
Maximum OFF time percentage
Switching period.
Drain – to – source resistance of FET
Winding resistance of Inductor
Output current ripple.
OUTPUT FILTER CAPACITOR
For the output capacitor, the following considerations are
more important than the actual capacitance value, the
physical size, the ESR and the voltage rating:
Transient Response percentage, TR_%
Maximum Transient Voltage, TR_v_dip = Vo*TR_%
Maximum current step,
Inductor Current rise time,
where,
D_max = Maximum ON time percentage.
IO = Rated output current.
Vin_min = Minimum input voltage at PVIN
As a result, it is possible to calculate
FREQUENCY
VOLTAGE APPLIED TO PIN FREQ
200
2.341 – 2.500
253
2.185 - 2.340
307
2.029 - 2.184
360
1.873 - 2.028
413
1.717 – 1.872
466
1.561 – 1.716
520
1.405 - 1.560
573
1.249 - 1.404
627
1.093 - 1.248
680
0.936 - 1.092
733
0.781 - 0.936
787
0.625 - 0.780
840
0.469 - 0.624
893
0.313 - 0.468
947
0.157 - 0.312
1000
0.000 - 0.156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com