Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590A Datasheet (PDF) - STMicroelectronics

L6590A Datasheet PDF - STMicroelectronics
Part # L6590A
Download  L6590A Download
File Size   238.16 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FULLY INTEGRATED POWER SUPPLY

L6590A Datasheet (PDF)

Go To PDF Page Download Datasheet
L6590A Datasheet PDF - STMicroelectronics

Part # L6590A
Download  L6590A Click to download

File Size   238.16 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description FULLY INTEGRATED POWER SUPPLY

L6590A Datasheet (HTML) - STMicroelectronics


L6590A Product details

DESCRIPTION
The L6590A is a monolithic switching regulator designed in BCD OFF-LINE technology, able to operate with wide range input voltage and to deliver up to 15W output power. The internal power switch is a lateral power MOSFET with a typical RDS(on) of 13Ω and a V(BR)DSS of 700V minimum.

■ WIDE-RANGE MAINS OPERATION
■ "ON-CHIP" 700V V(BR)DSS POWER MOS
■ 65 kHz INTERNAL OSCILLATOR
■ STANDBY MODE FOR HIGH EFFICIENCY AT LIGHT LOAD
■ OVERCURRENT AND LATCHED OVERVOLTAGE PROTECTION
■ NON DISSIPATIVE BUILT-IN START-UP CIRCUIT
■ THERMAL SHUTDOWN WITH HYSTERESIS
■ BROWNOUT PROTECTION

MAIN APPLICATIONS
■ WALL PLUG POWER SUPPLIES UP TO 15W
■ AC-DC ADAPTERS
■ AUXILIARY POWER SUPPLIES FOR:
   - CRT AND LCD MONITOR (BLUE ANGEL)
   - DESKTOP PC/SERVER
   - FAX, TV, LASER PRINTER
   - HOME APPLIANCES/LIGHTING
■ LINE CARD, DC-DC CONVERTERS




Similar Part No. - L6590A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
L6590D STMICROELECTRONICS-L6590D Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
L6590N STMICROELECTRONICS-L6590N Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
More results


Similar Description - L6590A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6590 STMICROELECTRONICS-L6590 Datasheet
360Kb / 23P
FULLY INTEGRATED POWER SUPPLY FIPS
2000-Oct
logo
Freescale Semiconductor...
34712 FREESCALE-34712 Datasheet
477Kb / 23P
3.0A 1.0MHz Fully Integrated DDR Switch-Mode Power Supply
34713 FREESCALE-34713 Datasheet
510Kb / 21P
5.0 A 1.0MHz Fully Integrated Single Switch-Mode Power Supply
logo
Fairchild Semiconductor
FAN4603 FAIRCHILD-FAN4603 Datasheet
955Kb / 12P
600mA, Fully Integrated, Buck Power Supply Module
logo
Rohm
BZ6A7D06GM ROHM-BZ6A7D06GM Datasheet
690Kb / 19P
0.65A Output, Fully Integrated, Step-down Switching Power Supply Module
logo
M/A-COM Technology Solu...
MAAP-010150 MA-COM-MAAP-010150 Datasheet
2Mb / 13P
Fully Integrated Power Amplifier
MAAP-018260 MA-COM-MAAP-018260 Datasheet
2Mb / 12P
Fully Integrated Power Amplifier
MAAP-110150 MA-COM-MAAP-110150 Datasheet
2Mb / 13P
Fully Integrated Power Amplifier
MAAP-118260 MA-COM-MAAP-118260 Datasheet
1Mb / 13P
Fully Integrated Power Amplifier
logo
Rohm
BZ6A1206GMP ROHM-BZ6A1206GMP Datasheet
1Mb / 23P
0.65A Output, Fully Integrated Step-down Switching Power Supply Module
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com