Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590A Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6590A
Description  FULLY INTEGRATED POWER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590A Datasheet(HTML) 2 Page - STMicroelectronics

  L6590A Datasheet HTML 1Page - STMicroelectronics L6590A Datasheet HTML 2Page - STMicroelectronics L6590A Datasheet HTML 3Page - STMicroelectronics L6590A Datasheet HTML 4Page - STMicroelectronics L6590A Datasheet HTML 5Page - STMicroelectronics L6590A Datasheet HTML 6Page - STMicroelectronics L6590A Datasheet HTML 7Page - STMicroelectronics L6590A Datasheet HTML 8Page - STMicroelectronics L6590A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
L6590A
2/19
DESCRIPTION (continued)
The MOSFET is source-grounded, thus it is possible
to build flyback, boost and forward converters.
The device is meant to work with secondary feed-
back for tight tolerance of the regulated output volt-
age.
The internal fixed oscillator frequency and the inte-
grated non dissipative start-up generator minimize
the external component count and power consump-
tion.
The device is equipped with a standby function that
automatically reduces the oscillator frequency from
65 to 22 kHz under light load conditions to enhance
efficiency (Pin <1W @ Pout = 0.5W with wide range
mains).
Internal protections like cycle-by-cycle current limit-
ing, latched output overvoltage protection, mains un-
dervoltage
protection
and
thermal
shutdown
generate a 'robust' design solution.
The IC uses a special leadframe with the ground pins
(6, 7 and 8) internally connected in order for heat to
be easily removed from the silicon die. An heatsink
can then be realized by simply making provision of
few cm2 of copper on the PCB. Furthermore, the pin
close to the high-voltage one is not connected to
ease compliance with safety distances on the PCB.
BLOCK DIAGRAM
PIN CONNECTIONS (Top view)
SUPPLY
&UVLO
OVER
VOLTAGE
OVER
CURRENT
+
-
+
-
2.5V
+
-
DRAIN
(1)
VCC
(3)
BOK
(5)
COMP
(4)
GND
(6,7,8)
VREF
1mA
BROWNOUT
PWM
STANDBY
START-UP
OSC
65/22 kHz
THERMAL
S.DOWN
BOK
DRAIN
N.C.
Vcc
COMP
GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com