Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6590A Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6590A
Description  FULLY INTEGRATED POWER SUPPLY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6590A Datasheet(HTML) 3 Page - STMicroelectronics

  L6590A Datasheet HTML 1Page - STMicroelectronics L6590A Datasheet HTML 2Page - STMicroelectronics L6590A Datasheet HTML 3Page - STMicroelectronics L6590A Datasheet HTML 4Page - STMicroelectronics L6590A Datasheet HTML 5Page - STMicroelectronics L6590A Datasheet HTML 6Page - STMicroelectronics L6590A Datasheet HTML 7Page - STMicroelectronics L6590A Datasheet HTML 8Page - STMicroelectronics L6590A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
L6590A
PIN FUNCTIONS
THERMAL DATA
(*) Value depending on PCB copper area and thickness
.
ABSOLUTE MAXIMUM RATINGS
N°
Pin
Description
1
DRAIN
Drain connection of the internal power MOSFET. The internal high voltage start-up generator
sinks current from this pin.
2
N.C.
Not internally connected. Provision for clearance on the PCB.
3
Vcc
Supply pin of the IC. An electrolytic capacitor is connected between this pin and ground. The
internal start-up generator charges the capacitor until the voltage reaches the start-up threshold.
The PWM is stopped if the voltage at the pin exceeds a certain value.
4
COMP
PWM Control Input. The voltage on this pin (VCOMP) controls the PWM modulator: the higher
VCOMP, the higher the duty cycle. The pin will be driven by a current sink (usually the transistor of
an optocoupler) able to modulate VCOMP by modulating the current.
5
BOK
Brownout Protection. If the voltage applied to this pin is lower than 2.5V the PWM is disabled.
This pin is typically used for sensing the input voltage of the converter through a resistor divider.
If not used, the pin can be either left floating or connected to Vcc through a 15 k
Ω resistor.
6 to 8
GND
Connection of both the source of the internal MOSFET and the return of the bias current of the
IC. Pins connected to the metal frame to facilitate heat dissipation.
Symbol
Parameter
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient (*)
35 to 60
°C/W
Rthj-pins
Thermal Resistance Junction-pins
15
°C/W
Symbol
Parameter
Value
Unit
Vds
Drain Source Voltage
-0.3 to 700
V
Id
Drain Current
0.7
A
Vcc
IC Supply Voltage
18
V
Iclamp
Vcc Zener Current
20
mA
PWM Control Input Sink Current
3
mA
BOK pin Sink Current
1
mA
Ptot
Power Dissipation at Tamb < 50°C
3cm2, 2 oz copper dissipating area on PCB
1.5
W
Tj
Operating Junction Temperature
-40 to 150
°C
Tstg
Storage Temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com