Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1992 Datasheet (PDF) - Maxim Integrated Products

DS1992 Datasheet PDF - Maxim Integrated Products
Part # DS1992
Download  DS1992 Download
File Size   326.63 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb/4Kb Memory iButton짰

DS1992 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1992 Datasheet PDF - Maxim Integrated Products

Part # DS1992
Download  DS1992 Click to download

File Size   326.63 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1Kb/4Kb Memory iButton짰

DS1992 Datasheet (HTML) - Maxim Integrated Products


DS1992 Product details

SPECIAL FEATURES
■ 4096 bits of Read/Write Nonvolatile
    Memory (DS1993)
■ 1024 bits of Read/Write Nonvolatile
    Memory (DS1992)
■ 256-bit Scratchpad Ensures Integrity of Data
    Transfer
■ Memory Partitioned into 256-bit Pages for
    Packetizing Data
■ Data Integrity Assured with Strict
    Read/Write Protocols
■ Operating Temperature Range from -40°C to
    +70°C
■ Over 10 years of data retention
   
COMMON iButton FEATURES
■ Unique, Factory-Lasered and Tested 64-bit
    Registration Number (8-bit Family Code +
    48-bit Serial Number + 8-bit CRC Tester)
    Assures Absolute Traceability Because No
    Two Parts are Alike
■ Multidrop Controller for MicroLAN
■ Digital Identification and Information by
    Momentary Contact
■ Chip-Based Data Carrier Compactly Stores
    Information
■ Data Can be Accessed While Affixed to
    Object
■ Economically Communicates to Bus Master
    with a Single Digital Signal at 16.3kbps
■ Standard 16mm Diameter and 1-Wire®
    Protocol Ensure Compatibility with iButton®
    Family
■ Button Shape is Self-Aligning with CupShaped Probes
■ Durable Stainless Steel Case Engraved with
    Registration Number Withstands Harsh
    Environments
■ Easily Affixed with Self-Stick Adhesive
    Backing, Latched by its Flange, or Locked
    with a Ring Pressed onto its Rim
■ Presence Detector Acknowledges When
    Reader First Applies Voltage
■ Meets UL 913, 5th Ed., Rev. 1997-02-24;
    Intrinsically Safe Apparatus, Approved under
    Entity Concept for use in Class I, Division 1,
    Group A, B, C, and D Locations
   




Similar Part No. - DS1992

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1992 DALLAS-DS1992 Datasheet
537Kb / 17P
1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
logo
Maxim Integrated Produc...
DS1992 MAXIM-DS1992 Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
logo
Dallas Semiconductor
DS1992L-F5 DALLAS-DS1992L-F5 Datasheet
537Kb / 17P
1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
logo
Maxim Integrated Produc...
DS1992L-F5+ MAXIM-DS1992L-F5+ Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
DS1992 MAXIM-DS1992_11 Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
More results


Similar Description - DS1992

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
4Kb FRAM Serial Memory
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
4Kb FRAM Serial Memory
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
4Kb FRAM Serial Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
4Kb FRAM Serial Memory
logo
Maxim Integrated Produc...
DS1992 MAXIM-DS1992_11 Datasheet
172Kb / 17P
1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
1Kb Add-Only Memory
Rev 12/11
logo
Generalplus Technology ...
GPM6P1004B GENERALPLUS-GPM6P1004B Datasheet
1Mb / 54P
Remote Controller with 4KB//1KB OTP
logo
Maxim Integrated Produc...
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
1Kb Add-Only Memory
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com