Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS32506 Datasheet (PDF) - Maxim Integrated Products

DS32506 Datasheet PDF - Maxim Integrated Products
Part # DS32506
Download  DS32506 Download
File Size   1665.17 Kbytes
Page   130 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6-/8-/12-Port DS3/E3/STS-1 LIU

DS32506 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS32506 Datasheet PDF - Maxim Integrated Products

Part # DS32506
Download  DS32506 Click to download

File Size   1665.17 Kbytes
Page   130 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 6-/8-/12-Port DS3/E3/STS-1 LIU

DS32506 Datasheet (HTML) - Maxim Integrated Products


DS32506 Product details

GENERAL DESCRIPTION
The DS32506 (6 port), DS32508 (8 port), and DS32512 (12 port) line interface units (LIUs) are highly integrated, low-power, feature-rich LIUs for DS3, E3, and STS-1 applications. Each LIU port in these devices has independent receive and transmit paths, a jitter attenuator, full-featured pattern generator and detector, performance-monitoring counters, and a complete set of loopbacks. An on-chip clock adapter generates all line-rate clocks from a single input clock.

FEATURES
■ Pin-Compatible Family of Products
■ Each Port Independently Configurable
■ Receive Clock and Data Recovery for Up to 457 meters (1500 feet) of 75Ω Coaxial Cable
■ Standards-Compliant Transmit Waveshaping
■ Uses 1:1 Transformers on Both Tx and Rx
■ Three Control Interface Options: 8/16-Bit Parallel, SPI, and Hardware Mode
■ Jitter Attenuators (One Per Port) Can be Placed in the Receive Path or the Transmit Path
■ Jitter Attenuators Have Provisionable Buffer Depth: 16, 32, 64, or 128 Bits
■ Built-In Clock Adapter Generates All Line-Rate Clocks from a Single Input Clock (DS3, E3, STS-1, 12.8MHz, 19.44MHz, 38.88MHz, 77.76MHz)
■ Per-Port Programmable Internal Line Termination Requiring Only External Transformers
■ High-Impedance Tx and Rx, Even When VDD = 0, Enables Hot-Swappable, 1:1 and 1+1 Board Redundancy Without Relays
■ Per-Port BERT for PRBS and Repetitive Pattern Generation and Detection
■ Tx and Rx Open and Short Detection Circuitry
■ Transmit Driver Monitor Circuitry
■ Receive Loss-of-Signal (LOS) Monitoring Compliant with ANSI T1.231 and ITU G.775
■ Automatic Data Squelching on Receive LOS
■ Large Line Code Performance-Monitoring Counters for Accumulation Intervals Up to 1s
■ Local and Remote Loopbacks
■ Transmit Common Clock Option
■ Power-Down Capability for Unused Ports
■ Low-Power 1.8V/3.3V Operation (5V Tolerant I/O)
■ Industrial Temperature Range: -40°C to +85°C
■ Small Package: 23mm x 23mm, 484-Pin BGA
■ IEEE 1149.1 JTAG Support

APPLICATIONS
    SONET/SDH and PDH Multiplexers
    ATM and Frame Relay Equipment
    WAN Routers and Switches
    Digital CrossConnects
    Access Concentrators
    CSUs/DSUs
    PBXs
    DSLAMs




Similar Part No. - DS32506

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS325 BRIDGELUX-DS325 Datasheet
2Mb / 25P
Gen 7 Vero 10 Thrive™ Array
03/2022
logo
Dallas Semiconductor
DS3251 DALLAS-DS3251 Datasheet
925Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
Maxim Integrated Produc...
DS3251 MAXIM-DS3251 Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
logo
Dallas Semiconductor
DS3251N DALLAS-DS3251N Datasheet
925Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
logo
Maxim Integrated Produc...
DS3251N MAXIM-DS3251N Datasheet
909Kb / 71P
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
REV: 030106
More results


Similar Description - DS32506

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3154DK MAXIM-DS3154DK Datasheet
956Kb / 11P
Quad DS3/E3/STS-1 LIU Demo Kit
REV: 060903
logo
Teridian Semiconductor ...
78P2342JAT TERIDIAN-78P2342JAT Datasheet
340Kb / 36P
2-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2343JAT TERIDIAN-78P2343JAT Datasheet
351Kb / 37P
3-port E3/DS3/STS-1 LIU with Jitter Attenuator
78P2344JAT TERIDIAN-78P2344JAT Datasheet
353Kb / 37P
4-port E3/DS3/STS-1 LIU with Jitter Attenuator
logo
Maxim Integrated Produc...
DS3153DK MAXIM-DS3153DK Datasheet
633Kb / 11P
Triple DS3/E3/STS-1 LIU Demo Kit
REV: 111403
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
12-Port DS3/E3/STS-1 Digital Jitter Attenuator
28335-BRF-001-B MA-COM-28335-BRF-001-B Datasheet
367Kb / 2P
12-Port DS3/E3/STS-1 Line Interface Unit
29306-BRF-001-A MA-COM-29306-BRF-001-A Datasheet
511Kb / 2P
6-Port DS3/E3/STS-1 Integrated Line Termination
29323-BRF-001-A MA-COM-29323-BRF-001-A Datasheet
507Kb / 2P
3/6-Port DS3/E3/STS-1 Integrated
28335-BRF-001-B MA-COM-28335-BRF-001-B_15 Datasheet
367Kb / 2P
12-Port DS3/E3/STS-1 Line Interface Unit
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com