Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS821 Datasheet (PDF) - STMicroelectronics

TS821 Datasheet PDF - STMicroelectronics
Part # TS821
Download  TS821 Download
File Size   60.95 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.225V MICROPOWER VOLTAGE REFERENCE

TS821 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS821 Datasheet PDF - STMicroelectronics

Part # TS821
Download  TS821 Click to download

File Size   60.95 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1.225V MICROPOWER VOLTAGE REFERENCE

TS821 Datasheet (HTML) - STMicroelectronics


TS821 Product details

DESCRIPTION
TheTS821 is a micropowerintegrated circuit which is a high stability, two terminals, band gap reference providing a stable output voltage over the industrial temperature range (-40 to +85°C). The minimum operating current is guaranteed at 50µA over the full operating temperature range.

■ 1.225V TYP OUTPUT VOLTAGE
■ ULTRA LOW OPERATING CURRENT : 40µA typ.
■ HIGH PRECISION @ 25°C
    +/-2% (Standard version)
    +/-1% (A grade)
    +/-0.5% (B grade)
■ HIGH STABILITY WHEN USED WITH CAPACITIVE LOADS
■ WIDE TEMPERATURE RANGE : -40 to +85°C
■ T092 & SOT23-3 PACKAGES




Similar Part No. - TS821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS821AILT STMICROELECTRONICS-TS821AILT Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
TS821BILT STMICROELECTRONICS-TS821BILT Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
TS821ILT STMICROELECTRONICS-TS821ILT Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
More results


Similar Description - TS821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
logo
Zetex Semiconductors
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
logo
STMicroelectronics
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
20-Aug-2007
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com