Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS821 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS821
Description  1.225V MICROPOWER VOLTAGE REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS821 Datasheet(HTML) 1 Page - STMicroelectronics

  TS821 Datasheet HTML 1Page - STMicroelectronics TS821 Datasheet HTML 2Page - STMicroelectronics TS821 Datasheet HTML 3Page - STMicroelectronics TS821 Datasheet HTML 4Page - STMicroelectronics TS821 Datasheet HTML 5Page - STMicroelectronics TS821 Datasheet HTML 6Page - STMicroelectronics TS821 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
1.225V MICROPOWER VOLTAGE REFERENCE
.
1.225V TYP OUTPUT VOLTAGE
.
ULTRA LOW OPERATING CURRENT : 40
µA
typ.
.
HIGH PRECISION @ 25
oC
+/-2% (Standard version)
+/-1% (A grade)
+/-0.5% (B grade)
.
HIGH STABILITY WHEN USED WITH
CAPACITIVE LOADS
.
WIDE TEMPERATURE RANGE : -40 to +85
oC
.
T092 & SOT23-3 PACKAGES
®
DESCRIPTION
The TS821 is a micropowerintegrated circuit which
is a high stability, two terminals, band gap refer-
ence providing a stable output voltage over the in-
dustrial temperature range (-40 to +85
oC). The
minimum operating current is guaranteed at 50
µA
over the full operating temperature range.
APPLICATIONS
.
Computers
.
Instrumentation
.
Battery chargers
.
Switch Mode Power Supply
.
Battery operated equipements
TS821
Z
TO92
(Plastic Package)
L
SOT-23L
(Plastic Micropackage)
ORDER CODES
Precision
TO92
SOT23-3
SOT23
Marking
2%
TS821IZ
TS821ILT
L213
1%
TS821AIZ
TS821AILT
L212
0.5%
TS821BIZ
TS821BILT
L211
Single temperature range : -40 to +85
oC
PIN CONNECTIONS (top view)
May 2000
NC
Ano d e
12
3
Ca thod e
TO92
1
2
3
*
Anode
Ca th ode
S OT23-3
* This pin mu st be le ft floa ting
or conn e cte d to pin 2


Similar Part No. - TS821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS821AILT STMICROELECTRONICS-TS821AILT Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
TS821BILT STMICROELECTRONICS-TS821BILT Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
TS821ILT STMICROELECTRONICS-TS821ILT Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
More results

Similar Description - TS821

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
logo
Zetex Semiconductors
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
24-Jul-2007
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
MICROPOWER VOLTAGE REFERENCE
logo
STMicroelectronics
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
20-Aug-2007
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com