Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5134AGTG+ Datasheet (PDF) - Maxim Integrated Products

MAX5134AGTG+ Datasheet PDF - Maxim Integrated Products
Part # MAX5134AGTG+
Download  MAX5134AGTG+ Download
File Size   372.71 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs

MAX5134AGTG+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5134AGTG+ Datasheet PDF - Maxim Integrated Products

Part # MAX5134AGTG+
Download  MAX5134AGTG+ Click to download

File Size   372.71 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs

MAX5134AGTG+ Datasheet (HTML) - Maxim Integrated Products


MAX5134AGTG+ Product details

General Description

The MAX5134–MAX5137 is a family of pin-compatible and software-compatible 16-bit and 12-bit DACs. The

MAX5134/MAX5135 are low-power, quad 16-/12-bit, buffered voltage-output, high-linearity DACs. The MAX5136/MAX5137 are low-power, dual 16-/12-bit, buffered voltage-output, high-linearity DACs. They use a precision internal reference or a precision external reference for rail-to-rail operation.



Features

♦16-/12-Bit Resolution Available in a 4mm x 4mm, 24-Pin TQFN Package or 16-Pin TSSOP

♦Hardware-Selectable to Zero/Midscale DAC Output on Power-Up or Reset

♦Double-Buffered Input Registers

♦LDACAsynchronously Updates DAC Outputs Simultaneously

♦READYFacilitates Daisy Chaining

♦High-Performance 10ppm/°C Internal Reference

♦Guaranteed Monotonic Over All Operating Conditions

♦Wide +2.7V to +5.25V Supply Range

♦Rail-to-Rail Buffered Output Operation

♦Low Gain Error (Less Than ±0.5%FS) and Offset (Less Than ±10mV)

♦30MHz 3-Wire SPI-/QSPI-/MICROWIRE-/DSP-Compatible Serial Interface

♦CMOS-Compatible Inputs with Hysteresis

♦Low-Power Consumption (ISHDN= 2µA max)



Applications

Automatic Test Equipment

Automatic Tuning

Communication Systems

Data Acquisition

Gain and Offset Adjustment

Portable Instrumentation

Power-Amplifier Control

Process Control and Servo Loops

Programmable Voltage and Current Sources




Similar Part No. - MAX5134AGTG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5134AGTG+ MAXIM-MAX5134AGTG+ Datasheet
453Kb / 19P
Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
More results


Similar Description - MAX5134AGTG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX501 MAXIM-MAX501 Datasheet
362Kb / 12P
Voltage-Output, 12-Bit Multiplying DACs
Rev 1; 12/96
MX7245 MAXIM-MX7245 Datasheet
194Kb / 6P
Complete, 12-Bit Voltage-Output DACs
Rev 0; 11/91
logo
Analog Devices
AD5530 AD-AD5530 Datasheet
407Kb / 16P
Serial Input, Voltage Output 12-/14-Bit DACs
REV.0
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5134 MAXIM-MAX5134_10 Datasheet
453Kb / 19P
Pin-/Software-Compatible, 16-/12-Bit, Voltage-Output DACs
Rev 2; 1/10
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
logo
Texas Instruments
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Analog Devices
AD5761 AD-AD5761 Datasheet
1Mb / 31P
Multiple Range, 16-/12-Bit Bipolar/Unipolar, Voltage Output DACs
1/2018-Rev. B to Rev. C
logo
Texas Instruments
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com