Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5138 Datasheet (PDF) - Maxim Integrated Products

MAX5138 Datasheet PDF - Maxim Integrated Products
Part # MAX5138
Download  MAX5138 Download
File Size   360.61 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs

MAX5138 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5138 Datasheet PDF - Maxim Integrated Products

Part # MAX5138
Download  MAX5138 Click to download

File Size   360.61 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs

MAX5138 Datasheet (HTML) - Maxim Integrated Products


MAX5138 Product details

General Description
The MAX5138/MAX5139 are a family of single-channel pin-compatible and software-compatible 16-bit and 12- bit DACs. The MAX5138/MAX5139 are low-power, 16- bit/12-bit, buffered voltage-output, high-linearity DACs. They use a precision internal reference or a precision external reference for rail-to-rail operation. The MAX5138/MAX5139 accept a wide +2.7V to +5.25V supply-voltage range to accommodate most low-power and low-voltage applications. These devices accept a 3-wire SPI-/QSPITM-/MICROWIRE®-/DSP-compatible serial interface to save board space and reduce the complexity of optically isolated and transformer-isolated applications.

Features
♦ 16-/12-Bit Resolution in a 3mm x 3mm, 16-Pin TQFN Package
♦ Hardware-Selectable on Power-Up or Reset-toZero/Midscale DAC Output
♦ Double-Buffered Input Registers
♦ LDAC Asynchronously Updates DAC Output
♦ READY Facilitates Daisy Chaining
♦ High-Performance 10ppm/°C Internal Reference
♦ Guaranteed Monotonic Over All Operating Conditions
♦ Wide +2.7V to +5.25V Supply Range
♦ Rail-to-Rail Buffered Output Operation
♦ Low Gain Error (Less Than ±0.5% FS) and Offset (Less Than ±10mV)
♦ 30MHz 3-Wire SPI-/QSPI-/MICROWIRE-/ DSP-Compatible Serial Interface
♦ CMOS-Compatible Inputs with Hysteresis
♦ Low Power Consumption (ISHDN = 2µA max)

Applications
    Automatic Test Equipment
    Automatic Tuning
    Communication Systems
    Data Acquisition
    Gain and Offset Adjustment
    Portable Instrumentation
    Power-Amplifier Control
    Process Control and Servo Loops
    Programmable Voltage and Current Sources




Similar Part No. - MAX5138

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138 Datasheet
445Kb / 13P
MAX5138 Evaluation Kit
Rev 0; 2/09
MAX5138EVKIT MAXIM-MAX5138EVKIT Datasheet
445Kb / 13P
MAX5138 Evaluation Kit
Rev 0; 2/09
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
More results


Similar Description - MAX5138

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5174 MAXIM-MAX5174 Datasheet
255Kb / 16P
Low-Power, Serial, 12-Bit DACs with Voltage Output
Rev 0; 4/99
MAX531 MAXIM-MAX531 Datasheet
207Kb / 16P
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
Rev 6; 2/97
MAX5533 MAXIM-MAX5533 Datasheet
1Mb / 24P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
Rev 0; 12/03
MAX5530 MAXIM-MAX5530 Datasheet
1,010Kb / 19P
ULTRA-LOW POWER, 12-BIT, VOLTAGE-OUTPUT DACS
Rev 0; 1/04
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5214 MAXIM-MAX5214 Datasheet
3Mb / 16P
14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Rev 0; 12/10
logo
Texas Instruments
DAC8562 TI1-DAC8562 Datasheet
1Mb / 56P
DUAL 16-/14-/12-BIT, ULTRALOW-GLITCH, LOW-POWER, BUFFERED, VOLTAGE-OUTPUT
JUNE2011
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
logo
Texas Instruments
DAC7562-Q1 TI1-DAC7562-Q1 Datasheet
1Mb / 54P
Low-Power, Buffered, Voltage-Output DACs
logo
Maxim Integrated Produc...
MAX5532 MAXIM-MAX5532_V01 Datasheet
4Mb / 26P
Dual, Ultra-Low-Power, 12-Bit, Voltage-Output DACs
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com