Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2979 Datasheet (PDF) - Mospec Semiconductor

2SC2979 Datasheet PDF - Mospec Semiconductor
Part # 2SC2979
Download  2SC2979 Download
File Size   135.87 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3A,800V,40W)

2SC2979 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2979 Datasheet PDF - Mospec Semiconductor

Part # 2SC2979
Download  2SC2979 Click to download

File Size   135.87 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3A,800V,40W)

2SC2979 Datasheet (HTML) - Mospec Semiconductor




Similar Part No. - 2SC2979

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC2979 HITACHI-2SC2979 Datasheet
40Kb / 7P
Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SC2979 ETC1-2SC2979 Datasheet
55Kb / 2P
Power Bipolar Transistors
logo
Renesas Technology Corp
2SC2979 RENESAS-2SC2979 Datasheet
156Kb / 8P
Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SC2979 SAVANTIC-2SC2979 Datasheet
130Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC2979 ISC-2SC2979 Datasheet
159Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SC2979

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5427 MOSPEC-2N5427 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
2N6107 MOSPEC-2N6107 Datasheet
171Kb / 4P
POWER TRANSISTORS(7A,40W)
2SB703 MOSPEC-2SB703 Datasheet
174Kb / 4P
POWER TRANSISTORS(4.0A,40W)
2SC3086 MOSPEC-2SC3086 Datasheet
123Kb / 3P
POWER TRANSISTORS(3A,500V,40W)
2SC3150 MOSPEC-2SC3150 Datasheet
125Kb / 3P
POWER TRANSISTORS(3A,800V,50W)
2SD633 MOSPEC-2SD633 Datasheet
127Kb / 3P
POWER TRANSISTORS(7A,40W)
BD241 MOSPEC-BD241 Datasheet
133Kb / 3P
POWER TRANSISTORS(3A,40W)
TIP31 MOSPEC-TIP31 Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Rohm
R8003KNX ROHM-R8003KNX Datasheet
2Mb / 14P
Nch 800V 3A Power MOSFET
R8003KND3 ROHM-R8003KND3 Datasheet
1Mb / 14P
Nch 800V 3A Power MOSFET
20190619 - Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com