Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3150 Datasheet (PDF) - Mospec Semiconductor

2SC3150 Datasheet PDF - Mospec Semiconductor
Part # 2SC3150
Download  2SC3150 Download
File Size   125.45 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3A,800V,50W)

2SC3150 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3150 Datasheet PDF - Mospec Semiconductor

Part # 2SC3150
Download  2SC3150 Click to download

File Size   125.45 Kbytes
Page   3 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description POWER TRANSISTORS(3A,800V,50W)

2SC3150 Datasheet (HTML) - Mospec Semiconductor


2SC3150 Product details




Similar Part No. - 2SC3150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3150 SANYO-2SC3150 Datasheet
94Kb / 3P
For Switching Regulator
logo
Savantic, Inc.
2SC3150 SAVANTIC-2SC3150 Datasheet
161Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3150 ISC-2SC3150 Datasheet
329Kb / 3P
isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC3150 SAVANTIC-2SC3150 Datasheet
163Kb / 4P
Silicon NPN Power Transistors
logo
Foshan Blue Rocket Elec...
2SC3150 FOSHAN-2SC3150 Datasheet
1,007Kb / 6P
Silicon NPN transistor in a TO-220 Plastic Package
More results


Similar Description - 2SC3150

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC1358 MOSPEC-2SC1358 Datasheet
112Kb / 3P
POWER TRANSISTORS(4.5A,1400V,50W)
2SC1875 MOSPEC-2SC1875 Datasheet
111Kb / 3P
POWER TRANSISTORS(4.5A,1500V,50W)
2SC2502 MOSPEC-2SC2502 Datasheet
135Kb / 3P
POWER TRANSISTORS(6.0A,400V,50W)
2SC2908 MOSPEC-2SC2908 Datasheet
120Kb / 3P
POWER TRANSISTORS(5.0A,100V,50W)
2SC2979 MOSPEC-2SC2979 Datasheet
135Kb / 3P
POWER TRANSISTORS(3A,800V,40W)
2SD868 MOSPEC-2SD868 Datasheet
122Kb / 3P
POWER TRANSISTORS(2.5A,1500V,50W)
logo
Central Semiconductor C...
PBCDM3_1509 CENTRAL-PBCDM3_1509 Datasheet
1Mb / 2P
800V, 3A N-Channel Power MOSFET
logo
Rohm
R8003KNX ROHM-R8003KNX Datasheet
2Mb / 14P
Nch 800V 3A Power MOSFET
2SK2294 ROHM-2SK2294 Datasheet
139Kb / 5P
Switching (800V, 3A)
R8003KND3 ROHM-R8003KND3 Datasheet
1Mb / 14P
Nch 800V 3A Power MOSFET
20190619 - Rev.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com