Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16020 Datasheet (PDF) - Maxim Integrated Products

MAX16020 Datasheet PDF - Maxim Integrated Products
Part # MAX16020
Download  MAX16020 Download
File Size   214.54 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating

MAX16020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16020 Datasheet PDF - Maxim Integrated Products

Part # MAX16020
Download  MAX16020 Click to download

File Size   214.54 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating

MAX16020 Datasheet (HTML) - Maxim Integrated Products


MAX16020 Product details

General Description
The MAX16016/MAX16020/MAX16021 supervisory circuits monitor power supplies, provide battery-backup control, and chip-enable (CE) gating to write protect memory in microprocessor (µP)-based systems. These low-power devices improve system reliability by providing several supervisory functions in a small, single integrated solution.

Features
♦ System Monitoring for 5V, 3.3V, 3V, 2.5V, or 1.8V
   Power-Supply Voltages
♦ 1.53V to 5.5V Operating Voltage Range
♦ Low 1.2µA Supply Current (0.25µA in Battery
   Backup Mode)
♦ 145ms (min) Reset Timeout Period
♦ Battery Freshness Seal
♦ On-Board Gating of CE Signals, 1.5ns
   Propagation Delay (MAX16020/MAX16021)
♦ Debounced Manual Reset Input
♦ Watchdog Timer, 1.2s (typ) Timeout
♦ Power-Fail Comparator and Low-Line Indicator for
   Monitoring Voltages Down to 0.6V
♦ Battery-On, Battery-OK, and Battery Test
   Indicators
♦ Small 10-Pin TDFN or 16-Pin TQFN Packages
♦ UL®-Certified to Conform to IEC 60950-1

Applications
   Main/Backup Power for RTCs, CMOS Memories
   Industrial Control
   GPS Systems
   Set-Top Boxes
   Point-of-Sale Equipment
   Portable/Battery Equipment




Similar Part No. - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16020 MAXIM-MAX16020 Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX16020 MAXIM-MAX16020 Datasheet
464Kb / 21P
Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
MAX16020_TE_+T MAXIM-MAX16020_TE_+T Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
More results


Similar Description - MAX16020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
MAX6365 MAXIM-MAX6365 Datasheet
221Kb / 15P
SOT23, Low-Power 關P Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 1; 6/01
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
MAX16016_0812 MAXIM-MAX16016_0812 Datasheet
209Kb / 21P
Low-Power 關P Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 3; 12/08
MAX6365 MAXIM-MAX6365_09 Datasheet
248Kb / 15P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 4; 5/09
MAX6361 MAXIM-MAX6361_05 Datasheet
178Kb / 12P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 3; 11/05
MAX16016 MAXIM-MAX16016_11 Datasheet
262Kb / 21P
Low-Power μP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 5; 4/11
MAX6361 MAXIM-MAX6361_11 Datasheet
124Kb / 11P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup
Rev 4; 10/11
MAX6365 MAXIM-MAX6365_11 Datasheet
175Kb / 15P
SOT23, Low-Power μP Supervisory Circuits with Battery Backup and Chip-Enable Gating
Rev 5; 10/11
MAX16016_1111 MAXIM-MAX16016_1111 Datasheet
464Kb / 21P
Low-Power uP Supervisory Circuits with Battery-Backup Circuit and Chip-Enable Gating
Rev 6; 11/11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com