Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet (PDF) - Freescale Semiconductor, Inc

MPC5200BDS Datasheet PDF - Freescale Semiconductor, Inc
Part # MPC5200BDS
Download  MPC5200BDS Download
File Size   977.14 Kbytes
Page   72 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Data

MPC5200BDS Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC5200BDS Datasheet PDF - Freescale Semiconductor, Inc

Part # MPC5200BDS
Download  MPC5200BDS Click to download

File Size   977.14 Kbytes
Page   72 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Technical Data

MPC5200BDS Datasheet (HTML) - Freescale Semiconductor, Inc


MPC5200BDS Product details

Key features are shown below.
• MPC603e series e300 core
    – Superscalar architecture
    – 760 MIPS at 400 MHz (–40 oC to +85 oC)
    – 16 KB Instruction cache, 16 KB Data cache
    – Double precision FPU
    – Instruction and Data MMU
    – Standard and Critical interrupt capability
• SDRAM / DDR Memory Interface
    – Up to 133 MHz operation
    – SDRAM and DDR SDRAM support
    – 256 MB addressing range per CS, two CS available
    – 32-bit data bus
    – Built-in initialization and refresh
• Flexible multi-function External Bus Interface
    – Supports interfacing to ROM/Flash/SRAM memories or other memory mapped devices
    – 8 programmable Chip Selects
    – Non-multiplexed data access using 8-/16-/32-bit databus with up to 26-bit address
    – Short or Long Burst capable
    – Multiplexed data access using 8-/16-/32-bit databus with up to 25-bit address
• Peripheral Component Interconnect (PCI) Controller
    – Version 2.2 PCI compatibility
    – PCI initiator and target operation
    – 32-bit PCI Address/Data bus
    – 33 and 66 MHz operation
    – PCI arbitration function
• ATA Controller
    – Version 4 ATA compatible external interface—IDE Disk Drive connectivity
• BestComm DMA subsystem
    – Intelligent virtual DMA Controller
    – Dedicated DMA channels to control peripheral reception and transmission
    – Local memory (SRAM 16 KB)
• 6 Programmable Serial Controllers (PSC)
    – UART or RS232 interface
    – CODEC interface for Soft Modem, Master/Slave CODEC Mode, I2S and AC97
    – Full duplex SPI mode
    – IrDA mode from 2400 bps to 4 Mbps
• Fast Ethernet Controller (FEC)
    – Supports 100Mbps IEEE 802.3 MII, 10 Mbps IEEE 802.3 MII, 10 Mbps 7-wire interface
• Universal Serial Bus Controller (USB)
    – USB Revision 1.1 Host
    – Open Host Controller Interface (OHCI)
    – Integrated USB Hub, with two ports.
(Continue ...)




Similar Part No. - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Motorola, Inc
MPC5200BV400 MOTOROLA-MPC5200BV400 Datasheet
1Mb / 76P
Hardware Specifications
logo
Freescale Semiconductor...
MPC5200BV400 FREESCALE-MPC5200BV400 Datasheet
6Mb / 80P
Hardware Specifications
More results


Similar Description - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
TECHNICAL DATA
logo
Toshiba Semiconductor
MG15D4GM1 TOSHIBA-MG15D4GM1 Datasheet
325Kb / 6P
TECHNICAL DATA
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
Technical Data
Sep-2003
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
TECHNICAL DATA
logo
Freescale Semiconductor...
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
Technical Data
MC705C8ACPE FREESCALE-MC705C8ACPE Datasheet
1Mb / 222P
Technical Data
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
Technical Data
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com