Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5200BDS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MPC5200BDS
Rev. 3, 10/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
TEPBGA–272
27 mm x 27 mm
Key features are shown below.
• MPC603e series e300 core
– Superscalar architecture
– 760 MIPS at 400 MHz (-40 to +85 oC)
– 16 K-byte Instruction cache, 16 K-byte Data cache
– Double precision FPU
– Instruction and Data MMU
– Standard and Critical interrupt capability
• SDRAM / DDR Memory Interface
– up to 133-MHz operation
– SDRAM and DDR SDRAM support
– 256-MByte addressing range per CS, two CS available
– 32-bit data bus
– Built-in initialization and refresh
• Flexible multi-function External Bus Interface
– Supports interfacing to ROM/Flash/SRAM memories or
other memory mapped devices
– 8 programmable Chip Selects
– Non multiplexed data access using 8/16/32 bit databus
with up to 26-bit address
– Short or Long Burst capable
– Multiplexed data access using 8/16/32 bit databus with
up to 25-bit address
• Peripheral Component Interconnect (PCI) Controller
– Version 2.2 PCI compatibility
– PCI initiator and target operation
– 32-bit PCI Address/Data bus
– 33- and 66-MHz operation
– PCI arbitration function
• ATA Controller
– Version 4 ATA compatible external interface—IDE Disk
Drive connectivity
• BestComm DMA subsystem
– Intelligent virtual DMA Controller
– Dedicated DMA channels to control peripheral
reception and transmission
– Local memory (SRAM 16 kBytes)
• 6 Programmable Serial Controllers (PSC)
– UART or RS232 interface
– CODEC interface for Soft Modem, Master/Slave
CODEC Mode, I2S and AC97
– Full duplex SPI mode
– IrDA mode from 2400 bps to 4 Mbps
• Fast Ethernet Controller (FEC)
– Supports 100Mbps IEEE 802.3 MII, 10 Mbps IEEE
802.3 MII, 10 Mbps 7-wire interface
• Universal Serial Bus Controller (USB)
– USB Revision 1.1 Host
– Open Host Controller Interface (OHCI)
– Integrated USB Hub, with two ports.
• Two Inter-Integrated Circuit Interfaces (I2C)
• Serial Peripheral Interface (SPI)
• Dual CAN 2.0 A/B Controller (MSCAN)
– Implementation of version 2.0A/B CAN protocol
– Standard and extended data frames
• J1850 Byte Data Link Controller (BDLC)
• J1850 Class B data communication network interface
compatible and ISO compatible for low speed (<125 kbps)
serial data communications in automotive applications.
• Supports 4X mode, 41.6 kbps
• In-frame response (IFR) types 0, 1, 2, and 3 supported
• Systems level features
– Interrupt Controller supports four external interrupt
request lines and 47 internal interrupt sources
– GPIO/Timer functions
Up to 56 total GPIO pins that support a variety of
interrupt/WakeUp capabilities.
Eight GPIO pins with timer capability supporting input
capture, output compare, and pulse width modulation
(PWM) functions
– Real-time Clock with one-second resolution
– Systems Protection (watch dog timer, bus monitor)
– Individual control of functional block clock sources
– Power management: Nap, Doze, Sleep, Deep Sleep
modes
– Support of WakeUp from low power modes by different
sources (GPIO, RTC, CAN)
• Test/Debug features
– JTAG (IEEE 1149.1 test access port)
– Common On-chip Processor (COP) debug port
• On-board PLL and clock generation
MPC5200B Data Sheet


Similar Part No. - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5200B FREESCALE-MPC5200B Datasheet
1Mb / 78P
SDRAM/DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
977Kb / 72P
SDRAM / DDR Memory Controller
MPC5200B FREESCALE-MPC5200B Datasheet
984Kb / 72P
SDRAM/DDR Memory Controller
logo
Motorola, Inc
MPC5200BV400 MOTOROLA-MPC5200BV400 Datasheet
1Mb / 76P
Hardware Specifications
logo
Freescale Semiconductor...
MPC5200BV400 FREESCALE-MPC5200BV400 Datasheet
6Mb / 80P
Hardware Specifications
More results

Similar Description - MPC5200BDS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC11 MOTOROLA-M68HC11 Datasheet
3Mb / 336P
Technical Data
logo
List of Unclassifed Man...
SE1117 ETC1-SE1117 Datasheet
72Kb / 4P
TECHNICAL DATA
logo
Toshiba Semiconductor
MG15D4GM1 TOSHIBA-MG15D4GM1 Datasheet
325Kb / 6P
TECHNICAL DATA
logo
OPTEK Technologies
OPV314 OPTEK-OPV314 Datasheet
341Kb / 4P
Technical Data
Sep-2003
logo
KODENSHI_AUK CORP.
KK2814 KODENSHI-KK2814 Datasheet
123Kb / 2P
TECHNICAL DATA
logo
Freescale Semiconductor...
MC9S08LL64 FREESCALE-MC9S08LL64 Datasheet
884Kb / 44P
Technical Data
MC705C8ACPE FREESCALE-MC705C8ACPE Datasheet
1Mb / 222P
Technical Data
MC68HC705C8A FREESCALE-MC68HC705C8A_13 Datasheet
1Mb / 222P
Technical Data
MC68HC705J1A FREESCALE-MC68HC705J1A_13 Datasheet
1Mb / 162P
Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A_13 Datasheet
2Mb / 460P
Technical Data
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com