Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
19
Figure 6. Timing Diagram—Standard SDRAM Memory Write Timing
1.3.6.3
Memory Interface Timing-DDR SDRAM Read Command
The SDRAM Memory Controller uses a 1/4 period delayed MDQS strobe to capture the MDQ data. The 1/4 period delay value
is calculated automatically by hardware.
Table 20. DDR SDRAM Memory Read Timing
Sym
Description
Min
Max
Units
SpecID
tmem_clk
MEM_CLK period
7.5
—
ns
A5.15
tvalid
Control Signals, Address and MBA
valid after rising edge of MEM_CLK
—tmem_clk*0.5+0.4
ns
A5.16
thold
Control Signals, Address and MBA
hold after rising edge of MEM_CLK
tmem_clk*0.5
—
ns
A5.17
datasetup
Setup time relative to MDQS
—
0.4
ns
A5.18
datahold
Hold time relative to MDQS
2.6
—
ns
A5.19
MEM_CLK
Control Signals
MDQ (Data)
MA (Address)
NOTE: Control Signals are composed of RAS, CAS, MEM_WE, MEM_CS, MEM_CS1 and CLK_EN
Active
NOP
WRITE
NOP
NOP
NOP
NOP
NOP
thold
Row
Column
MBA (Bank Selects)
datahold
datavalid
tvalid
thold
tvalid
thold
tvalid
DQM (Data Mask)
DMvalid
DMhold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com