Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
21
1.3.6.4
Memory Interface Timing-DDR SDRAM Write Command
Figure 8. DDR SDRAM Memory Write Timing
1.3.7
PCI
The PCI interface on the MPC5200B is designed to PCI Version 2.2 and supports 33-MHz and 66-MHz PCI operations. See the
PCI Local Bus Specification; the component section specifies the electrical and timing parameters for PCI components with the
intent that components connect directly together whether on the planar or an expansion board, without any external buffers or
other “glue logic.” Parameters apply at the package pins, not at expansion board edge connectors.
The MPC5200B is always the source of the PCI CLK. The clock waveform must be delivered to each 33-MHz or 66-MHz PCI
component in the system. Figure 9 shows the clock waveform and required measurement points for 3.3 V signaling
environments. Table 22 summarizes the clock specifications.
Table 21. DDR SDRAM Memory Write Timing
Sym
Description
Min
Max
Units
SpecID
tmem_clk
MEM_CLK period
7.5
ns
A5.20
tDQSS
Delay from write command to first
rising edge of MDQS
—tmem_clk+0.4
ns
A5.21
datavalid
MDQ valid before rising edge of
MDQS
1.0
ns
A5.22
datahold
MDQ valid after rising edge of
MDQS
1.0
ns
A5.23
MEM_CLK
Control Signals
MDQ (Data)
MEM_CLK
MDQS (Data Strobe)
NOTE: Control Signals signals are composed of RAS, CAS, MEM_WE, MEM_CS, MEM_CS1, and CLK_EN
Write
Write
Write
tDQSS
Write
datavalid
datahold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com