Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 72Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
68
Freescale Semiconductor
To reset the MPC5200B via the COP connector, the HRESET pin of the COP should be connected to the HRESET pin of the
MPC5200B. The circuitry shown in Figure 54 allows the COP to assert HRESET or JTAG_TRST separately, while any other
board sources can drive PORRESET.
Figure 54. COP Connector Diagram
3.4.2.2
Boards Without COP Connector
If the JTAG interface is not used, JTAG_TRST should be tied to PORRESET, so that it is asserted when the system reset signal
(PORRESET) is asserted. This ensures that the JTAG scan chain is initialized during power on. Figure 55 shows the connection
of the JTAG interface without COP connector.
1
3
5
7
9
11
13
15
2
4
6
8
10
12
K
16
Key
Key 14
HRESET
SRESET
VDD
VDD
JTAG_TRST
VDD
JTAG_TMS
VDD
JTAG_TCK
VDD
JTAG_TDI
TEST_SEL_0
JTAG_TDO
3
11
16
4
9
12
7
6(2)
15
1
10
8
5(3)
2(4)
13
NC
NC
NC
NC
TDO
HRESET
SRESET
TRST
TMS
TCK
TDI
CKSTP_OUT
VDD
10Kohm
10Kohm
10Kohm
10Kohm
10Kohm
COP Header
COP Connector
Physical Pinout
halted
qack
MPC5200B
VDD
10Kohm
PORRESET
PORRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com