Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
13
•
Input conditions:
All Inputs: tr, tf <= 1 ns
•
Output Loading:
All Outputs: 50 pF
1.3.2
AC Operating Frequency Data
Table 12 provides the operating frequency information for the MPC5200B.
1.3.3
Clock AC Specifications
Figure 2. Timing Diagram—SYS_XTAL_IN
Table 12. Clock Frequencies
Min
Max
Units
SpecID
1
e300 Processor Core
—
400
MHz
A1.1
2
SDRAM Clock
—
133
MHz
A1.2
3
XL Bus Clock
—
133
MHz
A1.3
4
IP Bus Clock
—
133
MHz
A1.4
5
PCI / Local Plus Bus Clock
—
66
MHz
A1.5
6
PLL Input Range
15.6
35
MHz
A1.6
Table 13. SYS_XTAL_IN Timing
Sym
Description
Min
Max
Units
SpecID
tCYCLE
SYS_XTAL_IN cycle time.(1)
1 CAUTION—The SYS_XTAL_IN frequency and system PLL_CFG[0-6] settings must be chosen such that the resulting
system frequencies do not exceed their respective maximum or minimum operating frequencies. See the MPC5200B
User Manual.
28.6
64.1
ns
A2.1
tRISE
SYS_XTAL_IN rise time.
—
5.0
ns
A2.2
tFALL
SYS_XTAL_IN fall time.
—
5.0
ns
A2.3
tDUTY
SYS_XTAL_IN duty cycle (measured at VM).
(2)
2 SYS_XTAL_IN duty cycle is measured at V
M.
40.0
60.0
%
A2.4
CVIH
SYS_XTAL_IN input voltage high
2.0
—
V
A2.5
CVIL
SYS_XTAL_IN input voltage low
—
0.8
V
A2.6
tFALL
tRISE
tCYCLE
SYSCLK
tDUTY
tDUTY
CVIH
CVIL
VM
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com