Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
11
1.2.1
System Oscillator Electrical Characteristics
1.2.2
RTC Oscillator Electrical Characteristics
1.2.3
System PLL Electrical Characteristics
1.2.4
e300 Core PLL Electrical Characteristics
The internal clocking of the e300 core is generated from and synchronized to the system clock by means of a voltage-controlled
core PLL.
Table 8. System Oscillator Electrical Characteristics
Characteristic
Sym
Notes
Min
Typical
Max
Unit
SpecID
SYS_XTAL frequency
fsys_xtal
15.6
33.3
35.0
MHz
O1.1
Oscillator start-up time
tup_osc
—
—
10
ms
O1.2
Table 9. RTC Oscillator Electrical Characteristics
Characteristic
Sym
Notes
Min
Typical
Max
Unit
SpecID
RTC_XTAL frequency
frtc_xtal
—
32.768
—
kHz
O2.1
Table 10. System PLL Specifications
Characteristic
Sym
Notes
Min
Typical
Max
Unit
SpecID
SYS_XTAL frequency
fsys_xtal
(1)
1 The SYS_XTAL frequency and PLL Configuration bits must be chosen such that the resulting system frequency, CPU
(core) frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating
frequencies.
15.6
33.3
35.0
MHz
O3.1
SYS_XTAL cycle time
tsys_xtal
(1)
66.6
30.0
28.5
ns
O3.2
SYS_XTAL clock input jitter
tjitter
(2)
2 This represents total input jitter - short term and long term combined - and is guaranteed by design. Two different
types of jitter can exist on the input to CORE_SYSCLK, systemic and true random jitter. True random jitter is rejected.
Systemic jitter is passed into and through the PLL to the internal clock circuitry.
—
—
150
ps
O3.3
System VCO frequency
fVCOsys
(1)
250
533
800
MHz
O3.4
System PLL relock time
tlock
(3)
3 Relock time is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required
for the PLL lock after a stable VDD and CORE_SYSCLKare reached during the power-on reset sequence. This
specification also applies when the PLL has been disabled and subsequently re-enabled during sleep modes.
—
—
100
μsO3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com