Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
Freescale Semiconductor
49
1.3.16.2
AC97 Mode
NOTE
Output timing is specified at a nominal 50 pF load.
Figure 39. Timing Diagram — AC97 Mode
1.3.16.3
IrDA Mode
NOTE
Output timing is specified at a nominal 50 pF load.
Table 44. Timing Specifications — AC97 Mode
Sym
Description
Min
Typ
Max
Units
SpecID
1
Bit Clock cycle time
81.4
ns
A15.15
2
Clock pulse high time
40.7
ns
A15.16
3
Clock pulse low time
40.7
ns
A15.17
4
FrameSync valid after rising clock edge
13.0
ns
A15.18
5
Output Data valid after rising clock edge
14.0
ns
A15.19
6
Input Data setup time
1.0
ns
A15.20
7
Input Data hold time
1.0
ns
A15.21
Table 45. Timing Specifications — IrDA Transmit Line
Sym
Description
Min
Max
Units
SpecID
1
Pulse high time, defined in the IrDA protocol definition
0.125
10000
μs
A15.22
2
Pulse low time, defined in the IrDA protocol definition
0.125
10000
μs
A15.23
3
Transmitter rising time
7.9
ns
A15.24
4
Transmitter falling time
7.9
ns
A15.25
BitClk
(CLKPOL=0)
FrameSync
(SyncPol = 1)
Sdata_out
Output
Input
6
Output
Sdata_in
Input
1
4
3
5
2
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com