Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
40
Freescale Semiconductor
Figure 30. Ethernet Timing Diagram—MII Serial Management
1.3.11
USB
NOTE
Output timing is specified at a nominal 50 pF load.
Table 34. MII Serial Management Channel Signal Timing
Sym
Description
Min
Max
Unit
SpecID
t10
MDC falling edge to MDIO output delay
0
25
ns
A9.10
t11
MDIO (input) to MDC rising edge setup
10
—
ns
A9.11
t12
MDIO (input) to MDC rising edge hold
10
—
ns
A9.12
t13
MDC pulse width high(1)
1 MDC is generated by MPC5200B with a duty cycle of 50% except when MII_SPEED in the FEC MII_SPEED control
register is changed during operation. See the MPC5200B User Manual.
160
—
ns
A9.13
t14
MDC pulse width low(1)
160
—
ns
A9.14
t15
MDC period(2)
2 The MDC period must be set to a value of less than or equal to 2.5 MHz (to be compliant with the IEEE MII
characteristic) by programming the FEC MII_SPEED control register. See the MPC5200B User Manual.
400
—
ns
A9.15
Table 35. Timing Specifications—USB Output Line
Sym
Description
Min
Max
Units
SpecID
1
USB Bit width(1)
1 Defined in the USB config register, (12 Mbit/s or 1.5 Mbit/s mode).
83.3
667
ns
A10.1
2
Transceiver enable time
83.3
667
ns
A10.2
3
Signal falling time
—
7.9
ns
A10.3
4
Signal rising time
—
7.9
ns
A10.4
t14
t13
t12
MDC (Output)
MDIO (Input)
MDIO (Output)
t11
t10
t15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com