Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5200BDS Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5200BDS
Description  Technical Data
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5200BDS Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5200BDS Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5200BDS Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 72 page
background image
MPC5200B Data Sheet, Rev. 3
16
Freescale Semiconductor
Figure 4. External Interrupt Scheme
Due to synchronization, prioritization, and mapping of external interrupt sources, the propagation of external interrupts to the
core processor is delayed by several IP_CLK clock cycles. The following table specifies the interrupt latencies in IP_CLK
cycles. The IP_CLK frequency is programmable in the Clock Distribution Module (see Table 16).
NOTES:
1) The frequency of IP_CLK depends on register settings in Clock Distribution Module. See the MPC5200B User Manual.
Table 16. External Interrupt Latencies
Interrupt Type
Pin Name
Clock Cycles
Reference Clock
Core Interrupt
SpecID
Interrupt Requests
IRQ0
10
IP_CLK
critical (cint)
A4.1
IRQ0
10
IP_CLK
normal (int)
A4.2
IRQ1
10
IP_CLK
normal (int)
A4.3
IRQ2
10
IP_CLK
normal (int)
A4.4
IRQ3
10
IP_CLK
normal (int)
A4.5
Standard GPIO Interrupts
GPIO_PSC3_4
12
IP_CLK
normal (int)
A4.6
GPIO_PSC3_5
12
IP_CLK
normal (int)
A4.7
GPIO_PSC3_8
12
IP_CLK
normal (int)
A4.8
GPIO_USB_9
12
IP_CLK
normal (int)
A4.9
GPIO_ETHI_4
12
IP_CLK
normal (int)
A4.10
GPIO_ETHI_5
12
IP_CLK
normal (int)
A4.11
GPIO_ETHI_6
12
IP_CLK
normal (int)
A4.12
GPIO_ETHI_7
12
IP_CLK
normal (int)
A4.13
GPIO WakeUp Interrupts
GPIO_PSC1_4
12
IP_CLK
normal (int)
A4.15
GPIO_PSC2_4
12
IP_CLK
normal (int)
A4.16
GPIO_PSC3_9
12
IP_CLK
normal (int)
A4.17
GPIO_ETHI_8
12
IP_CLK
normal (int)
A4.18
GPIO_IRDA_0
12
IP_CLK
normal (int)
A4.19
DGP_IN0
12
IP_CLK
normal (int)
A4.20
DGP_IN1
12
IP_CLK
normal (int)
A4.21
8 GPIOs
8 GPIOs
GPIO WakeUp
GPIO Std
IRQ0
IRQ1
IRQ2
IRQ3
PIs
cint
int
Grouper
Encoder
Encoder
Main Interrupt
Controller
CORE_CINT
CORE_INT
e300 Core
Notes:
1. PIs = Programmable Inputs
2. Grouper and Encoder functions imply programmability in software
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com