Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AELKF1 Datasheet (PDF) - AEL Crystals Ltd

AELKF1 Datasheet PDF - AEL Crystals Ltd
Part # AELKF1
Download  AELKF1 Download
File Size   108.02 Kbytes
Page   1 Pages
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd
Description 2.5x2.0mm SMD Oscillators - Type KF1

AELKF1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AELKF1 Datasheet PDF - AEL Crystals Ltd

Part # AELKF1
Download  AELKF1 Click to download

File Size   108.02 Kbytes
Page   1 Pages
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd
Description 2.5x2.0mm SMD Oscillators - Type KF1

AELKF1 Datasheet (HTML) - AEL Crystals Ltd




Similar Part No. - AELKF1

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEL XPPOWER-AEL Datasheet
494Kb / 6P
Energy Efficiency Level V
logo
Astec America, Inc
AEL04B48-S ASTEC-AEL04B48-S Datasheet
98Kb / 2P
66Watts
logo
AEL Crystals Ltd
AEL12 AEL-AEL12 Datasheet
47Kb / 1P
12-Series General Oscillator Specifications
AEL1200AM AEL-AEL1200AM Datasheet
47Kb / 1P
12-Series General Oscillator Specifications
AEL1200AS AEL-AEL1200AS Datasheet
47Kb / 1P
12-Series General Oscillator Specifications
More results


Similar Description - AELKF1

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0268A TAI-SAW-TW0268A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 24.576MHz Crystal Oscillator
TW0275A TAI-SAW-TW0275A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 12.288MHz Crystal Oscillator
logo
Fox Electronics
F230TS FOX-F230TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 3.3V SMD Oscillator
F240TS FOX-F240TS Datasheet
500Kb / 2P
HCMOS 2.5x2.0mm 2.5V SMD Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
O2HS FOX-O2HS Datasheet
296Kb / 8P
HCMOS 2.5x2.0mm SMD Oscillator
logo
TAI-SAW TECHNOLOGY CO.,...
TW0273A TAI-SAW-TW0273A Datasheet
184Kb / 5P
SMD 2.5x2.0mm 60MHz Crystal Oscillator
REV. NO: 1
TZ0830A TAI-SAW-TZ0830A Datasheet
194Kb / 5P
SMD 2.5x2.0mm 30.00MHz Crystal Unit
REV. NO.: 1
TZ0889A TAI-SAW-TZ0889A Datasheet
194Kb / 5P
SMD 2.5x2.0mm 30.00MHz Crystal Unit
REV. NO.: 1
TZ1125A TAI-SAW-TZ1125A Datasheet
201Kb / 5P
SMD 2.5x2.0mm 25.00MHz Crystal Unit
REV. NO.: 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com