Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH150 Datasheet (PDF) - STMicroelectronics

TSH150 Datasheet PDF - STMicroelectronics
Part # TSH150
Download  TSH150 Download
File Size   58.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER

TSH150 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH150 Datasheet PDF - STMicroelectronics

Part # TSH150
Download  TSH150 Click to download

File Size   58.11 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER

TSH150 Datasheet (HTML) - STMicroelectronics


TSH150 Product details

DESCRIPTION:
The TSH150 is a wideband monolithic operational amplifier, internally compensated for unity-gain stability.
Low noise and low distortion, wide bandwidth and high linearitymake this amplifier suitable for RFand video applications. Short circuit protection is provided by an internal current-limiting circuit.
The TSH150 has internal electrostatic discharge (ESD) protection circuits and fulfills MILSTD883C-Class2.

• LOW DISTORTION
• GAIN BANDWIDTH PRODUCT : 150MHz
• UNITY GAIN STABLE
• SLEW RATE : 190V/µs
• VERY FAST SETTLING TIME : 20ns (0.1%)




Similar Part No. - TSH150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH151 STMICROELECTRONICS-TSH151 Datasheet
52Kb / 7P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH151C STMICROELECTRONICS-TSH151C Datasheet
52Kb / 7P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH151I STMICROELECTRONICS-TSH151I Datasheet
52Kb / 7P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
More results


Similar Description - TSH150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF151 STMICROELECTRONICS-LF151 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
TSH151 STMICROELECTRONICS-TSH151 Datasheet
52Kb / 7P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH321 STMICROELECTRONICS-TSH321 Datasheet
46Kb / 6P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
logo
Burr-Brown (TI)
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
STMicroelectronics
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
TS982 STMICROELECTRONICS-TS982 Datasheet
510Kb / 20P
Wide bandwidth dual bipolar operational amplifier
05-Jun-2008
MC4558IDT STMICROELECTRONICS-MC4558IDT Datasheet
463Kb / 11P
Wide bandwidth dual bipolar operational amplifier
13-Apr-2012
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com