Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH151 Datasheet (PDF) - STMicroelectronics

TSH151 Datasheet PDF - STMicroelectronics
Part # TSH151
Download  TSH151 Download
File Size   52.29 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER

TSH151 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH151 Datasheet PDF - STMicroelectronics

Part # TSH151
Download  TSH151 Click to download

File Size   52.29 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER

TSH151 Datasheet (HTML) - STMicroelectronics


TSH151 Product details

DESCRIPTION:
The TSH151 is a wideband monolithic operational amplifier, internally compensated for unity-gain stability.
The TSH151 features extremely high input impedance (typically greater than 1012Ω) allowing direct interfacing with high impedance sources.
Low distortion, wide bandwidth and high linearity make this amplifier suitable for RF and video applications. Short circuit protection is provided by an internal current-limiting circuit.
The TSH151 has internal electrostatic discharge (ESD) protection circuits and fulfills MILSTD883C Class2.

■ LOW DISTORTION
■ GAIN BANDWIDTH PRODUCT : 150MHz
■ UNITY GAIN STABLE
■ SLEW RATE : 200V/µs
■ VERY FAST SETTLING TIME : 70ns (0.1%)
■ VERY HIGH INPUT IMPEDANCE




Similar Part No. - TSH151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH150 STMICROELECTRONICS-TSH150 Datasheet
58Kb / 7P
WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH150C STMICROELECTRONICS-TSH150C Datasheet
58Kb / 7P
WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH150I STMICROELECTRONICS-TSH150I Datasheet
58Kb / 7P
WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
More results


Similar Description - TSH151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF151 STMICROELECTRONICS-LF151 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
TSH11 STMICROELECTRONICS-TSH11 Datasheet
77Kb / 5P
120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
TSH150 STMICROELECTRONICS-TSH150 Datasheet
58Kb / 7P
WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH31 STMICROELECTRONICS-TSH31 Datasheet
77Kb / 5P
280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
TSH321 STMICROELECTRONICS-TSH321 Datasheet
46Kb / 6P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
logo
Burr-Brown (TI)
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
STMicroelectronics
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com