Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH151 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH151
Description  WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH151 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH151 Datasheet HTML 1Page - STMicroelectronics TSH151 Datasheet HTML 2Page - STMicroelectronics TSH151 Datasheet HTML 3Page - STMicroelectronics TSH151 Datasheet HTML 4Page - STMicroelectronics TSH151 Datasheet HTML 5Page - STMicroelectronics TSH151 Datasheet HTML 6Page - STMicroelectronics TSH151 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3
non inverting
input
2
inverting
input
1
8
Offset N1
Offset N2
7VCC+
C
c
6
output
Internal
V
CC
-
4
Vref
SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±7V
Vid
Differential Input Voltage
±5V
Vi
Input Voltage Range
±5V
Iin
Current On Offset Null Pins
±20
mA
Toper
Operating Free-Air Temperature Range
TSH151C
TSH151I
0
oC, 70oC
-40
oC, 15oC
oC
N1
N2
TSH151
100k
Ω
V
CC
INPUT OFFSET VOLTAGE NULL CIRCUIT
OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±3to ±6V
Vic
Common Mode Input Voltage Range
VCC
- to VCC+ -3
V
TSH151
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com