Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH151 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSH151
Description  WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH151 Datasheet(HTML) 5 Page - STMicroelectronics

  TSH151 Datasheet HTML 1Page - STMicroelectronics TSH151 Datasheet HTML 2Page - STMicroelectronics TSH151 Datasheet HTML 3Page - STMicroelectronics TSH151 Datasheet HTML 4Page - STMicroelectronics TSH151 Datasheet HTML 5Page - STMicroelectronics TSH151 Datasheet HTML 6Page - STMicroelectronics TSH151 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
.
LOW DISTORTION
.
GAIN BANDWIDTH PRODUCT : 150MHz
.
UNITY GAIN STABLE
.
SLEW RATE : 200V/
µs
.
VERY FAST SETTLING TIME : 70ns (0.1%)
.
VERY HIGH INPUT IMPEDANCE
MACROMODEL
** Standard Linear Ics Macromodels, 1993.
** CONNECTIONS :
* 1 INVERTING INPUT
* 2 NON-INVERTING INPUT
* 3 OUTPUT
* 4 POSITIV E POWER SUPPLY
* 5 NEGATIVE POWER SUPPLY
.SUBCKT TSH151 1 3 2 4 5 (analog)
**********************************************************
.MODEL MDTH D IS=1E-8 KF=3.322525E-14 CJO=10F
* INPUT STAGE
RESD1 2 202 150
RESD2 1 201 150
CIP 202 5 10.000000E-12
CIN 201 5 10.000000E-12
EIP 10 5 202 5 1
EIN 16 5 201 5 1
RIP 10 11 2.600000E-01
RIN 15 16 2.600000E-01
RIS 11 15 1.683423E-01
DIP 11 12 MDTH 400E-12
DIN 15 14 MDTH 400E-12
VOFP 12 13 DC 0.000000E+00
VOFN 13 14 DC 0
IPOL 13 5 1.000000E-03
CPS 11 15 8E-09
DINN 17 13 MDTH 400E-12
VIN 17 5 1.500000e+00
DINR 15 18 MDTH 400E-12
VIP 4 18 5.000000E-01
FCP 4 5 VOFP 2.200000E+01
FCN 5 4 VOFN 2.200000E+01
* AMPLIFYING STAGE
FIP 5 19 VOFP 3.800000E+02
FIN 5 19 VOFN 3.800000E+02
RG1 19 5 1.455096E+03
RG2 19 4 1.455096E+03
CC 19 29 2.000000E-09
HZTP 29 30 VOFP 100
HZTN 30 5 VOFN 100
DOPM 19 22 MDTH 400E-12
DONM 21 19 MDTH 400E-12
HOPM 22 28 VOUT 5.000000E+02
VIPM 28 4 5.000000E+01
HONM 21 27 VOUT 5.000000E+02
VINM 5 27 5.000000E+01
EOUT 26 23 19 5 1
VOUT 23 5 0
ROUT 26 3 9.978126E+00
COUT 3 5 1.000000E-13
DOP 19 25 MDTH 400E-12
VOP 4 25 1.946965E+00
DON 24 19 MDTH 400E-12
VON 24 5 1.946965E+00
.ENDS
Applies to : TSH151C,I
ELECTRICAL CHARACTERISTICS
VCC =
±5V, Tamb =25oC (unless otherwise specified)
Symbol
Conditions
Value
Unit
Vio
0mV
Avd
RL = 100
Ω
1.18
V/mV
ICC
No load, per operator
23
mA
Vicm
-5 to 2.5
V
VOH
RL = 100
Ω
+3.6
V
VOL
RL = 100
Ω
-3.6
V
Isink
VO = 0V
108
mA
Isource
VO = 0V
108
mA
GBP
RL = 100
Ω, CL = 15pF
130
MHz
SR
RL = 100
Ω, CL = 15pF
172
V/
µs
∅mRL = 100Ω, CL = 15pF
25
Degrees
ts
AV = -1 at 0.1%
40
ns
TSH151
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com