Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH11 Datasheet (PDF) - STMicroelectronics

TSH11 Datasheet PDF - STMicroelectronics
Part # TSH11
Download  TSH11 Download
File Size   77.3 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER

TSH11 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH11 Datasheet PDF - STMicroelectronics

Part # TSH11
Download  TSH11 Click to download

File Size   77.3 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER

TSH11 Datasheet (HTML) - STMicroelectronics


TSH11 Product details

DESCRIPTION
The TSH11 is a low cost wide bandwidth single operational amplifier featuring extremely low input current of 2pA typ. Other features as unity gain stability, fast settling time and high linearity make it suitable for many applications requiring speed and very high input impedance as photo cell amplifier, high input impedancebuffer, Fet probe, highspeed precision integrator, sample and hold circuit...
   
■ VERY LOW INPUT CURRENT : 2pA typ
■ GAIN BANDWIDTH PRODUCT : 120MHz
■ UNITY GAIN STABLE
■ SLEW RATE : 150V/µs
■ STANDARD PIN OUT
   




Similar Part No. - TSH11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH110 STMICROELECTRONICS-TSH110 Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
TSH110 STMICROELECTRONICS-TSH110 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH110 STMICROELECTRONICS-TSH110 Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
TSH110ILT STMICROELECTRONICS-TSH110ILT Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
TSH110ILT STMICROELECTRONICS-TSH110ILT Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
More results


Similar Description - TSH11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
STMicroelectronics
TSH151 STMICROELECTRONICS-TSH151 Datasheet
52Kb / 7P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH31 STMICROELECTRONICS-TSH31 Datasheet
77Kb / 5P
280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
TSH321 STMICROELECTRONICS-TSH321 Datasheet
46Kb / 6P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com