Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH11 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH11
Description  120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH11 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH11 Datasheet HTML 1Page - STMicroelectronics TSH11 Datasheet HTML 2Page - STMicroelectronics TSH11 Datasheet HTML 3Page - STMicroelectronics TSH11 Datasheet HTML 4Page - STMicroelectronics TSH11 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TSH11
4/5
EVALUATION CIRCUIT
PRINTED CIRCUIT LAYOUT
As for any high frequency device, a few rules must
be observed when designing the PCB to get the
best performances from this high speed op amp.
From the most to the least important points :
u Each power supply lead has to be by-
passed to ground with a 10nF ceramic ca-
pacitor very close to the device and a 10
µF
tantalum capacitor.
u To provide low inductance and low resist-
ance common return, use a ground plane
or common point return for power and sig-
nal.
u All leads must be wide and as short as pos-
sible especially for op amp inputs. This is in
order to decrease parasitic capacitance
and inductance.
u Use small resistor values to decrease time
constant with parasitic capacitance.
u Choose component sizes as small as pos-
sible (SMD).
u On output, decrease capacitor load so as
to avoid circuit stability being degraded
which may cause oscillation. You can also
add a serial resistor in order to minimise its
influence.
u One can add in parallel with feedback re-
sistor a few pF ceramic capacitor C
F adjust-
ed to optimize the settling time.
Input
50W
1kW
10nF
10m F
C
F
-5V
+5V
10nF
Output
50W
10m F
1kW



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com