Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH11 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH11
Description  120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH11 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH11 Datasheet HTML 1Page - STMicroelectronics TSH11 Datasheet HTML 2Page - STMicroelectronics TSH11 Datasheet HTML 3Page - STMicroelectronics TSH11 Datasheet HTML 4Page - STMicroelectronics TSH11 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSH11
2/5
SCHEMATIC DIAGRAM
INPUT OFFSET VOLTAGE NULL CIRCUIT
MAXIMUM RATINGS
OPERATING CONDITIONS
3
non inverting
input
2
inverting
input
1
8
Offset N1
Offset N2
7 VCC+
Cc
6
output
Internal
VCC-
4
Vref
N1
N2
TSH11
100kW
VCC
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±7
V
Vid
Differential Input Voltage
±5
V
Vi
Input Voltage
±5
V
Iin
Current On Offset Null Pins
±20
V
Toper
Operating Free-Air Temperature range
-40 to +125
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
±3 to ±6
V
Vic
Common Mode Input Voltage Range
VCC
- to V
CC
+ -3
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com