Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH11 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH11
Description  120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH11 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH11 Datasheet HTML 1Page - STMicroelectronics TSH11 Datasheet HTML 2Page - STMicroelectronics TSH11 Datasheet HTML 3Page - STMicroelectronics TSH11 Datasheet HTML 4Page - STMicroelectronics TSH11 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
s VERY LOW INPUT CURRENT : 2pA typ
s GAIN BANDWIDTH PRODUCT : 120MHz
s UNITY GAIN STABLE
s SLEW RATE : 150V/
µs
s STANDARD PIN OUT
DESCRIPTION
The TSH11 is a low cost wide bandwidth single
operational amplifier featuring extremely low input
current of 2pA typ. Other features as unity gain
stability, fast settling time and high linearity make
it suitable for many applications requiring speed
and very high input impedance as photo cell am-
plifier, high input impedance buffer, Fet probe,
high speed precision integrator, sample and hold
circuit.
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TSH11I
-40°C, +125°C
•
D
SO8
(Plastic Micropackage)
1
2
3
4
8
6
5
7
Inverting Input
Non-inverting Input
Output
Offset Null 2
Offset Null 1
N.C.
VCC
VCC
+
TSH11
120MHz BANDWIDTH MOS INPUT
SINGLE OPERATIONAL AMPLIFIER
October 2000


Similar Part No. - TSH11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH110 STMICROELECTRONICS-TSH110 Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
TSH110 STMICROELECTRONICS-TSH110 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH110 STMICROELECTRONICS-TSH110 Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
TSH110ILT STMICROELECTRONICS-TSH110ILT Datasheet
424Kb / 19P
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
Feb-2002
TSH110ILT STMICROELECTRONICS-TSH110ILT Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
More results

Similar Description - TSH11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TL082 NSC-TL082 Datasheet
821Kb / 12P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
STMicroelectronics
TSH151 STMICROELECTRONICS-TSH151 Datasheet
52Kb / 7P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH31 STMICROELECTRONICS-TSH31 Datasheet
77Kb / 5P
280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
TSH321 STMICROELECTRONICS-TSH321 Datasheet
46Kb / 6P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
logo
National Semiconductor ...
LF351 NSC-LF351 Datasheet
246Kb / 10P
LF351 Wide Bandwidth JFET Input Operational Amplifier
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL081 NSC-TL081 Datasheet
235Kb / 8P
WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LF353-N TI1-LF353-N Datasheet
1,018Kb / 17P
Wide Bandwidth Dual JFET Input Operational Amplifier
TL082-N TI1-TL082-N_13 Datasheet
1Mb / 23P
Wide Bandwidth Dual JFET Input Operational Amplifier
LF147JAN TI1-LF147JAN_14 Datasheet
968Kb / 18P
Wide Bandwidth Quad JFET Input Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com