Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH22 Datasheet (PDF) - STMicroelectronics

TSH22 Datasheet PDF - STMicroelectronics
Part # TSH22
Download  TSH22 Download
File Size   539.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER

TSH22 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH22 Datasheet PDF - STMicroelectronics

Part # TSH22
Download  TSH22 Click to download

File Size   539.04 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER

TSH22 Datasheet (HTML) - STMicroelectronics


TSH22 Product details

DESCRIPTION
TheTSH22 is a dual bipolar operational amplifier offering a single supply operation from 3V to 30V with very good performances : medium speed (25MHz), unity gain stability and low noise.
The TSH22 is therefore an enhanced replacement of standard dual operational amplifiers.

■ HIGH GAIN BANDWIDTH PRODUCT : 25MHz
■ HIGH SLEW RATE : 15V/µs
■ SINGLE OR DUAL SUPPLY OPERATION : 3V TO 30V (±1.5V to ±15V)
■ LOW VOLTAGE NOISE : 14nV/√Hz
■ NO PHASE INVERSION
■ ESD TOLERANCE : 2kV
■ LATCH-UP IMMUNITY
■ SPICE MACROMODEL INCLUDED IN THIS SPECIFICATION




Similar Part No. - TSH22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH24 STMICROELECTRONICS-TSH24 Datasheet
538Kb / 11P
HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
Nov-2001
logo
TRACO Electronic AG
TSH2405S TRACOPOWER-TSH2405S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2412D TRACOPOWER-TSH2412D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2412S TRACOPOWER-TSH2412S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2415D TRACOPOWER-TSH2415D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results


Similar Description - TSH22

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
TSH24 STMICROELECTRONICS-TSH24 Datasheet
538Kb / 11P
HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
Nov-2001
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
High-Performance Dual Operational Amplifier
logo
Unisonic Technologies
3422 UTC-3422 Datasheet
178Kb / 8P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
logo
Unisonic Technologies
3422 UTC-3422_11 Datasheet
241Kb / 6P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
High-Performance Dual Operational Amplifier
logo
Unisonic Technologies
3422 UTC-3422_15 Datasheet
281Kb / 5P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
3422 UTC-3422_18 Datasheet
189Kb / 7P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com