Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH22 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH22
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH22 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH22 Datasheet HTML 1Page - STMicroelectronics TSH22 Datasheet HTML 2Page - STMicroelectronics TSH22 Datasheet HTML 3Page - STMicroelectronics TSH22 Datasheet HTML 4Page - STMicroelectronics TSH22 Datasheet HTML 5Page - STMicroelectronics TSH22 Datasheet HTML 6Page - STMicroelectronics TSH22 Datasheet HTML 7Page - STMicroelectronics TSH22 Datasheet HTML 8Page - STMicroelectronics TSH22 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
s HIGH GAIN BANDWIDTH PRODUCT :
25MHz
s HIGH SLEW RATE : 15V/
µs
s SINGLE OR DUAL SUPPLY OPERATION :
3V TO 30V (±1.5V to ±15V)
s LOW VOLTAGE NOISE : 14nV/
√Hz
s NO PHASE INVERSION
s ESD TOLERANCE : 2kV
s LATCH-UP IMMUNITY
s SPICE MACROMODEL INCLUDED IN THIS
SPECIFICATION
DESCRIPTION
TheTSH22 is a dual bipolar operational amplifier
offering a single supply operation from 3V to 30V
with very good performances : medium speed
(25MHz), unity gain stability and low noise.
The TSH22 is therefore an enhanced replacement
of standard dual operational amplifiers.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number Temperature Range
Package
ND
TSH22I
-40°C, +125°C
••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
4
5
6
7
8
-
+
-
+
Output 1
Inverting input 1
Non-inverting input 1
V CC
VCC
Output 2
Inverting input 2
Non-inverting input 2
-
+
TSH22
HIGH PERFORMANCE
DUAL BIPOLAR OPERATINAL AMPLIFIER
November 2001


Similar Part No. - TSH22

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH24 STMICROELECTRONICS-TSH24 Datasheet
538Kb / 11P
HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
Nov-2001
logo
TRACO Electronic AG
TSH2405S TRACOPOWER-TSH2405S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2412D TRACOPOWER-TSH2412D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2412S TRACOPOWER-TSH2412S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH2415D TRACOPOWER-TSH2415D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results

Similar Description - TSH22

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
logo
STMicroelectronics
TSH24 STMICROELECTRONICS-TSH24 Datasheet
538Kb / 11P
HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
Nov-2001
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
High-Performance Dual Operational Amplifier
logo
Unisonic Technologies
3422 UTC-3422 Datasheet
178Kb / 8P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
High performance dual operational amplifier
04-Jun-2008
logo
Unisonic Technologies
3422 UTC-3422_11 Datasheet
241Kb / 6P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
High-Performance Dual Operational Amplifier
logo
Unisonic Technologies
3422 UTC-3422_15 Datasheet
281Kb / 5P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
3422 UTC-3422_18 Datasheet
189Kb / 7P
HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com