Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72 Datasheet (PDF) - STMicroelectronics

TSH72 Datasheet PDF - STMicroelectronics
Part # TSH72
Download  TSH72 Download
File Size   1096.98 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION

TSH72 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH72 Datasheet PDF - STMicroelectronics

Part # TSH72
Download  TSH72 Click to download

File Size   1096.98 Kbytes
Page   25 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION

TSH72 Datasheet (HTML) - STMicroelectronics


TSH72 Product details

Description
The TSH7x series offers single, dual, triple, and quad operational amplifiers featuring high video performances with large bandwidth, low distortion, and excellent supply voltage rejection.
Running with a single supply voltage from 3 V to 12 V, these amplifiers feature a large output voltage swing and high output current capable of driving standard 150 Ω loads. A low operating voltage makes TSH7x amplifiers ideal for use in portable equipment. The TSH71, TSH73, and TSH75 also feature standby inputs, each of which allows the op-amp to be put into a standby mode with low-power consumption and high-output impedance. This function allows power saving or signal switching/multiplexing for high-speed applications and video applications.
To economize both board space and weight, the TSH7x series is proposed in SOT23-5, SO, and TSSOP packages.

Features
• 3 V, 5 V, ±5 V specifications
• 3 dB bandwidth: 90 MHz
• Gain bandwidth product: 70 MHz
• Slew rate: 100 V/µs (typical for 5 V)
• Output current: up to 55 mA
• Input single supply voltage
• Output rail-to-rail
• Specified for 150 Ω loads
• Low distortion, THD: 0.1 %
• SOT23-5, TSSOP, and SO packages

Applications
• Video buffers
• ADC driver
• Hi-fi applications




Similar Part No. - TSH72

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH72 STMICROELECTRONICS-TSH72 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH72 STMICROELECTRONICS-TSH72 Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH72CD STMICROELECTRONICS-TSH72CD Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH72CDT STMICROELECTRONICS-TSH72CDT Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH72CPT STMICROELECTRONICS-TSH72CPT Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
More results


Similar Description - TSH72

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH94 STMICROELECTRONICS-TSH94 Datasheet
555Kb / 11P
HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Oct-2000
TSH95 STMICROELECTRONICS-TSH95 Datasheet
449Kb / 9P
HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
Nov-2000
logo
Burr-Brown (TI)
OPA646 BURR-BROWN-OPA646 Datasheet
165Kb / 13P
Low Power, Wide Bandwidth OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
logo
National Semiconductor ...
LH0061 NSC-LH0061 Datasheet
60Kb / 2P
0.5 AMP WIDE BAND OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH60 STMICROELECTRONICS-TSH60 Datasheet
222Kb / 13P
Wide-Band, Low-Power Operational Amplifiers with Standby
Mar-2006
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TSH94 STMICROELECTRONICS-TSH94_07 Datasheet
508Kb / 19P
High speed low power quad operational amplifier with standby position
27-Nov-2007
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
Wide band rail-to-rail operational amplifier with standby function
19-May-2009
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
Micropower Operational Amplifier Low Standby Power
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com