Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH72
Description  WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH72 Datasheet HTML 1Page - STMicroelectronics TSH72 Datasheet HTML 2Page - STMicroelectronics TSH72 Datasheet HTML 3Page - STMicroelectronics TSH72 Datasheet HTML 4Page - STMicroelectronics TSH72 Datasheet HTML 5Page - STMicroelectronics TSH72 Datasheet HTML 6Page - STMicroelectronics TSH72 Datasheet HTML 7Page - STMicroelectronics TSH72 Datasheet HTML 8Page - STMicroelectronics TSH72 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TSH70, 71, 72, 73, 74, 75
2/25
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS
ORDER CODES
C = Temperature range
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
P = Thin Shrink Small Outline Package (TSSOP) - only available in Tape
& Reel (PT)
L = Tiny Package (SOT23-5) - only available in Tape & Reel (LT)
Symbol
Parameter
Value
Unit
VCC
Supply Voltage 1)
14
V
Vid
Differential Input Voltage 2)
±2V
Vi
Input Voltage 3)
±6V
Toper
Operating Free Air Temperature Range
0 to +70
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthjc
Thermal resistance junction to case 4)
SOT23-5
SO8
SO14
SO16
TSSOPO8
TSSOP14
TSSOP16
80
28
22
35
37
32
35
°C/W
Rthja
Thermal resistance junction to ambiant area
SOT23-5
SO8
SO14
SO16
TSSOPO8
TSSOP14
TSSOP16
250
157
125
110
130
110
110
°C/W
ESD
HumanBodyModel
2
kV
1.
All voltages values, except differential voltage are with respect to network ground terminal
2.
Differential voltages are non-inverting input terminal with respect to the inverting terminal
3.
The magnitude of input and output must never exceed VCC +0.3V
4.
Short-circuits can cause excessive heating
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
3 to 12
V
VIC
Common Mode Input Voltage Range
VCC
- to (V
CC
+ -1.1)
V
Standby
(VCC
-) to (V
CC
+)
V
Type
Temperature
Package
Marking
TSH70CLT
0°C to 70°C
SOT23-5
K301
TSH70CD
SO8
70C
TSH70CDT
SO8 Tape
70C
TSH71CD
SO8
71C
TSH71CDT
SO8 Tape
71C
TSH71CPT
TSSOP8
71C
TSH72CD
SO8
72C
TSH72CDT
SO8 Tape
72C
TSH72CPT
TSSOP8
72C
TSH73CD
SO14
73C
TSH73CDT
SO14 Tape
73C
TSH73CPT
TSSOP14
73C
TSH74CD
SO14
74C
TSH74CDT
SO14 Tape
74C
TSH74CPT
TSSOP14
74C
TSH75CD
SO16
75C
TSH75CDT
SO16 Tape
75C
TSH75CPT
TSSOP16
75C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com