Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM102 Datasheet (PDF) - STMicroelectronics

TSM102 Datasheet PDF - STMicroelectronics
Part # TSM102
Download  TSM102 Download
File Size   74.7 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE

TSM102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM102 Datasheet PDF - STMicroelectronics

Part # TSM102
Download  TSM102 Click to download

File Size   74.7 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE

TSM102 Datasheet (HTML) - STMicroelectronics


TSM102 Product details

DESCRIPTION
The TSM102 is a monolithic IC that includes two op-amps, two comparators and a precision voltage reference. This device is offering space and cost saving in many applications like power supply management or data acquisition systems.

OPERATIONAL AMPLIFIERS
■ LOW SUPPLY CURRENT : 200µA/amp.
■ MEDIUM SPEED : 2.1MHz
■ LOW LEVEL OUTPUT VOLTAGE CLOSE TO VCC- : 0.1V typ.
■ INPUT COMMON MODE VOLTAGE RANGE INCLUDES GROUND

COMPARATORS
■ LOW SUPPLY CURRENT : 200µA/amp.
■ (VCC = 5V)
■ INPUT COMMON MODE VOLTAGE RANGE INCLUDES GROUND
■ LOW OUTPUT SATURATION VOLTAGE : 250mV (Io = 4mA)

REFERENCE
■ ADJUSTABLE OUTPUT VOLTAGE :
■ Vref to 36V
■ SINK CURRENT CAPABILITY : 1 to 100mA
■ 1% and 0.4% VOLTAGE PRECISION
■ LACTH-UP IMMUNITY




Similar Part No. - TSM102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
Texas Instruments
TSM102 TI1-TSM102 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
TSM102 TI2-TSM102 Datasheet
974Kb / 18P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
MARCH 2006
logo
STMicroelectronics
TSM102A STMICROELECTRONICS-TSM102A Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
More results


Similar Description - TSM102

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7102AP KEC-KIA7102AP Datasheet
360Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com