Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM102 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM102
Description  DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM102 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM102 Datasheet HTML 1Page - STMicroelectronics TSM102 Datasheet HTML 2Page - STMicroelectronics TSM102 Datasheet HTML 3Page - STMicroelectronics TSM102 Datasheet HTML 4Page - STMicroelectronics TSM102 Datasheet HTML 5Page - STMicroelectronics TSM102 Datasheet HTML 6Page - STMicroelectronics TSM102 Datasheet HTML 7Page - STMicroelectronics TSM102 Datasheet HTML 8Page - STMicroelectronics TSM102 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
N
DIP16
(Plastic Package)
OPERATIONAL AMPLIFIERS
.
LOW SUPPLY CURRENT : 200
µA/amp.
.
MEDIUM SPEED : 2.1MHz
.
LOW LEVEL OUTPUT VOLTAGE CLOSE TO
VCC
- : 0.1V typ.
.
INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
COMPARATORS
.
LOW SUPPLY CURRENT : 200
µA/amp.
(VCC = 5V)
.
INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
.
LOW OUTPUT SATURATION VOLTAGE :
250mV (Io = 4mA)
REFERENCE
.
ADJUSTABLE OUTPUT VOLTAGE :
Vref to 32V
.
SINK CURRENT CAPABILITY : 1 to 100mA
.
1% and 0.4% VOLTAGE PRECISION
.
LACTH-UP IMMUNITY
DESCRIPTION
The TSM102 is a monolithic IC that includes two
op-amps, two comparators and a precision voltage
reference. This device is offering space and cost
saving in many applications like power supply man-
agement or data acquisition systems.
1
2
3
4
13
14
15
16
5
6
7
8
12
11
10
9
Output 1
Inverting Input 1
Non-inve rting Input 1
V
CC
+
Non-inve rting Input 2
Inverting Input 2
Output 2
Vref
Output 4
Inve rting Input
Non-inve rting Input 4
Non-inve rting Input 3
Inve rting Input 3
Output 3
Ca thode
V
CC
-
COMP
COMP
PIN CONNECTIONS
D
SO16
(Plastic Micropackage)
DUAL OPERATIONAL AMPLIFIER - DUAL COMPARATOR
AND ADJUSTABLE VOLTAGE REFERENCE
TSM102/A
ORDER CODES
Part number
Temperature Range
Package
ND
TSM102I
-40
oC, +85oC
••
TSM102AI
-40
oC, +85oC
••
February1999
1/10


Similar Part No. - TSM102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM102 STMICROELECTRONICS-TSM102 Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
logo
Texas Instruments
TSM102 TI1-TSM102 Datasheet
1Mb / 17P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
TSM102 TI2-TSM102 Datasheet
974Kb / 18P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
MARCH 2006
logo
STMicroelectronics
TSM102A STMICROELECTRONICS-TSM102A Datasheet
102Kb / 9P
VOLTAGE AND CURRENT CONTROLLER
Jan-2004
More results

Similar Description - TSM102

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA7102AP KEC-KIA7102AP Datasheet
360Kb / 3P
BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR ADJUSTABLE VOLTAGE REFERENCE)
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
First Components Intern...
FTSM102A FCI-FTSM102A Datasheet
177Kb / 9P
Dual Operational Amplifier Dual Comparator and Adjustable Voltage Reference
logo
Unisonic Technologies
UM602 UTC-UM602 Datasheet
56Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE REFERENCE
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
logo
Unisonic Technologies
UM602A UTC-UM602A_17 Datasheet
166Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR AND ADJUSTABLE VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com