Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1583 Datasheet (PDF) - NXP Semiconductors

ISP1583 Datasheet PDF - NXP Semiconductors
Part # ISP1583
Download  ISP1583 Download
File Size   507.0 Kbytes
Page   100 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Hi-Speed USB peripheral controller

ISP1583 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1583 Datasheet PDF - NXP Semiconductors

Part # ISP1583
Download  ISP1583 Click to download

File Size   507.0 Kbytes
Page   100 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Hi-Speed USB peripheral controller

ISP1583 Datasheet (HTML) - NXP Semiconductors


ISP1583 Product details

General description

The ISP1583 is a cost-optimized and feature-optimized Hi-Speed Universal Serial Bus (USB) peripheral controller. It fully complies with Ref. 1 “Universal Serial Bus Specification Rev. 2.0”, supporting data transfer at high-speed (480 Mbit/s) and full-speed (12 Mbit/s).

The ISP1583 provides high-speed USB communication capacity to systems based on microcontrollers or microprocessors. It communicates with a microcontroller or microprocessor of a system through a high-speed general-purpose parallel interface.

The ISP1583 supports automatic detection of Hi-Speed USB system operation. Original USB fall-back mode allows the device to remain operational under full-speed conditions. It is designed as a generic USB peripheral controller so that it can fit into all existing device classes, such as imaging class, mass storage devices, communication devices, printing devices and human interface devices.

The ISP1583 is a low-voltage device, which supports I/O pad voltages from 1.65 V to 3.6 V.



Features

■ Complies fully with:

   ♦ Ref. 1 “Universal Serial Bus Specification Rev. 2.0”

   ♦ Most device class specifications

   ♦ ACPI, OnNow and USB power management requirements

■ Supports data transfer at high-speed (480 Mbit/s) and full-speed (12 Mbit/s)

■ Direct interface to ATA/ATAPI peripherals; applicable only in split bus mode

■ High performance USB peripheral controller with integrated Serial Interface Engine (SIE), Parallel Interface Engine (PIE), FIFO memory and data transceiver

■ Automatic Hi-Speed USB mode detection and Original USB fall-back mode

■ Supports sharing mode

■ Supports I/O voltage range of 1.65 V to 3.6 V

■ Supports VBUS sensing

■ High-speed DMA interface

■ Configurable direct access data path from the microprocessor to an ATA device

■ Fully autonomous and multiconfiguration DMA operation

■ Seven IN endpoints, seven OUT endpoints, and a fixed control IN and OUT endpoint

■ Integrated physical 8 kB of multiconfiguration FIFO memory

■ Endpoints with double buffering to increase throughput and ease real-time data transfer

■ Bus-independent interface with most microcontrollers and microprocessors

■ 12 MHz crystal oscillator with integrated PLL for low EMI

■ Software-controlled connection to the USB bus (SoftConnect)

■ Low-power consumption in operation and power-down modes; suitable for use in bus-powered USB devices

■ Supports Session Request Protocol (SRP) that adheres to Ref. 2 “On-The-Go Supplement to the USB Specification Rev. 1.3”

■ Internal power-on and low-voltage reset circuits; also supports software reset

■ Operation over the extended USB bus voltage range (DP, DM and VBUS)

■ 5 V tolerant I/O pads

■ Operating temperature range from −40 °C to +85 °C

■ Available in HVQFN64 and TFBGA64 halogen-free and lead-free packages



Applications

■ Personal digital assistant

■ Mass storage device, for example: CD, DVD, Magneto-Optical (MO) and Zip drives

■ Digital video camera

■ Digital still camera

■ 3G mobile phone

■ MP3 player

■ Communication device, for example: router and modem

■ Printer

■ Scanner



 




Similar Part No. - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1583BS PHILIPS-ISP1583BS Datasheet
420Kb / 87P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
More results


Similar Description - ISP1583

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
enCoRe USB Low-speed USB Peripheral Controller
October 21, 2002
CY7C63411 CYPRESS-CY7C63411 Datasheet
297Kb / 36P
Low-speed USB Peripheral Controller
logo
PLX Technology
NET2272 PLX-NET2272 Datasheet
257Kb / 2P
Local Bus to USB 2.0 Hi-Speed Peripheral Controller
NET2280 PLX-NET2280 Datasheet
229Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
NET2282 PLX-NET2282 Datasheet
110Kb / 2P
PCI to USB 2.0 Hi-Speed Peripheral Controller
logo
Cypress Semiconductor
CY7C632XX CYPRESS-CY7C632XX Datasheet
44Kb / 3P
Low-speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A_04 Datasheet
966Kb / 50P
Low-speed USB Peripheral Controller
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
Cypress Semiconductor
CY7C63221 CYPRESS-CY7C63221 Datasheet
1Mb / 50P
Low-speed USB Peripheral Controller
logo
PLX Technology
OXU210HP PLX-OXU210HP Datasheet
105Kb / 1P
Local bus to Hi-Speed USB Host, Peripheral/OTG controller
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com