Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1583 Datasheet (PDF) - NXP Semiconductors

ISP1583 Datasheet PDF - NXP Semiconductors
Part # ISP1583
Download  ISP1583 Download
File Size   420.8 Kbytes
Page   87 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hi-Speed Universal Serial Bus peripheral controller

ISP1583 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1583 Datasheet PDF - NXP Semiconductors

Part # ISP1583
Download  ISP1583 Click to download

File Size   420.8 Kbytes
Page   87 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hi-Speed Universal Serial Bus peripheral controller

ISP1583 Datasheet (HTML) - NXP Semiconductors


ISP1583 Product details

General description

The ISP1583 is a cost-optimized and feature-optimized Hi-Speed Universal Serial Bus (USB) peripheral controller. It fully complies with Universal Serial Bus Specification Rev. 2.0, supporting data transfer at high-speed (480 Mbit/s) and full-speed (12 Mbit/s).

The ISP1583 provides high-speed USB communication capacity to systems based on microcontrollers or microprocessors. It communicates with a microcontroller or microprocessor of a system through a high-speed general-purpose parallel interface. The ISP1583 supports automatic detection of Hi-Speed USB system operation.

Original USB fall-back mode allows the device to remain operational under full-speed conditions. It is designed as a generic USB peripheral controller so that it can fit into all existing device classes, such as imaging class, mass storage devices, communication devices, printing devices and human interface devices.

The ISP1583 is a low-voltage device, which supports I/O pad voltages from 1.65 V to 3.6 V.



Features

■ Complies fully with:

   ◆ Universal Serial Bus Specification Rev. 2.0

   ◆ Most Device Class specifications

   ◆ ACPI™, OnNow™ and USB power management requirements

■ Supports data transfer at high-speed (480 Mbit/s) and full-speed (12 Mbit/s)

■ Direct interface to ATA/ATAPI peripherals; applicable only in split bus mode

■ High performance USB peripheral controller with integrated Serial Interface Engine (SIE), Parallel Interface Engine (PIE), FIFO memory and data transceiver

■ Automatic Hi-Speed USB mode detection and Original USB fall-back mode

■ Supports sharing mode

■ Supports I/O voltage range of 1.65 V to 3.6 V

■ Supports VBUS sensing

■ High-speed DMA interface

■ Configurable direct access data path from the microprocessor to an ATA device

■ Fully autonomous and multi configuration DMA operation

■ 7 IN endpoints, 7 OUT endpoints and a fixed control IN/OUT endpoint

■ Integrated physical 8 kbytes of multi configuration FIFO memory

■ Endpoints with double buffering to increase throughput and ease real-time data transfer

■ Bus-independent interface with most microcontrollers and microprocessors

■ 12 MHz crystal oscillator with integrated PLL for low EMI

■ Software-controlled connection to the USB bus (SoftConnect™)

■ Low-power consumption in operation and power-down modes; suitable for use in bus-powered USB devices

■ Supports Session Request Protocol (SRP) that complies with On-The-Go Supplement to the USB Specification Rev. 1.0a

■ Internal power-on and low-voltage reset circuits; also supports software reset

■ Operation over the extended USB bus voltage range (DP, DM and VBUS)

■ 5 V tolerant I/O pads at 3.3 V

■ Operating temperature range from −40 °C to +85 °C

■ Available in HVQFN64 halogen-free and lead-free package.



Applications

■ Personal digital assistant

■ Mass storage device, for example: Zip, Magneto-Optical (MO), CD and DVD drives

■ Digital video camera

■ Digital still camera

■ 3G mobile phone

■ MP3 player

■ Communication device, for example: router and modem

■ Printer



 




Similar Part No. - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583BS NXP-ISP1583BS Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET NXP-ISP1583ET Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET1 NXP-ISP1583ET1 Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1583ET2 NXP-ISP1583ET2 Datasheet
507Kb / 100P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results


Similar Description - ISP1583

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com