Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1582 Datasheet (PDF) - NXP Semiconductors

ISP1582 Datasheet PDF - NXP Semiconductors
Part # ISP1582
Download  ISP1582 Download
File Size   325.2 Kbytes
Page   66 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hi-Speed Universal Serial Bus peripheral controller

ISP1582 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISP1582 Datasheet PDF - NXP Semiconductors

Part # ISP1582
Download  ISP1582 Click to download

File Size   325.2 Kbytes
Page   66 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Hi-Speed Universal Serial Bus peripheral controller

ISP1582 Datasheet (HTML) - NXP Semiconductors


ISP1582 Product details

General description

The ISP1582 is a cost-optimized and feature-optimized Hi-Speed Universal Serial Bus (USB) peripheral controller. It fully complies with Universal Serial Bus Specification Rev. 2.0, supporting data transfer at high-speed (480 Mbit/s) and full-speed (12 Mbit/s).

The ISP1582 provides high-speed USB communication capacity to systems based on microcontrollers or microprocessors. It communicates with a microcontroller or microprocessor of a system through a high-speed general-purpose parallel interface. The ISP1582 supports automatic detection of Hi-Speed USB system operation.

Original USB fall-back mode allows the device to remain operational under full-speed conditions. It is designed as a generic USB peripheral controller so that it can fit into all existing device classes, such as imaging class, mass storage devices, communication devices, printing devices and human interface devices.

The internal generic Direct Memory Access (DMA) block allows easy integration into data streaming applications.



Features

■ Complies fully with:

   ◆ Universal Serial Bus Specification Rev. 2.0

   ◆ Most Device Class specifications

   ◆ ACPI™, OnNow™ and USB power management requirements.

■ Supports data transfer at high-speed (480 Mbit/s) and full-speed (12 Mbit/s)

■ High performance USB peripheral controller with integrated Serial Interface Engine (SIE), Parallel Interface Engine (PIE), FIFO memory and data transceiver

■ Automatic Hi-Speed USB mode detection and Original USB fall-back mode

■ Supports sharing mode

■ Supports VBUS sensing

■ High-speed DMA interface

■ Fully autonomous and multiconfiguration DMA operation

■ 7 IN endpoints, 7 OUT endpoints and a fixed control IN/OUT endpoint

■ Integrated physical 8 kbytes of multiconfiguration FIFO memory

■ Endpoints with double buffering to increase throughput and ease real-time data transfer

■ Bus-independent interface with most microcontrollers and microprocessors

■ 12 MHz crystal oscillator with integrated PLL for low EMI

■ Software-controlled connection to the USB bus (SoftConnect™)

■ Low-power consumption in operation and power-down modes; suitable for use in bus-powered USB devices

■ Supports Session Request Protocol (SRP) that complies with On-The-Go Supplement to the USB Specification Rev. 1.0a

■ Internal power-on and low-voltage reset circuits; also supports software reset

■ Operation over the extended USB bus voltage range (DP, DM and VBUS)

■ 5 V tolerant I/O pads at 3.3 V

■ Operating temperature range from −40 °C to +85 °C

■ Available in HVQFN56 halogen-free and lead-free package.



Applications

■ Personal digital assistant

■ Digital video camera

■ Digital still camera

■ 3G mobile phone

■ MP3 player

■ Communication device, for example: router and modem

■ Printer

■ Scanner.



 




Similar Part No. - ISP1582

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1582BS NXP-ISP1582BS Datasheet
364Kb / 69P
Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
More results


Similar Description - ISP1582

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1520 PHILIPS-ISP1520 Datasheet
259Kb / 51P
Hi-Speed Universal Serial Bus hub controller
Rev. 02-04 May 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1507C_ISP1507D NXP-ISP1507C_ISP1507D Datasheet
378Kb / 74P
ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1507DBS NXP-ISP1507DBS Datasheet
378Kb / 74P
ULPI Hi-Speed Universal Serial Bus host and peripheral transceiver
Rev. 01-28 May 2008
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com