Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM1 Datasheet (PDF) - ATMEL Corporation

AT90PWM1 Datasheet PDF - ATMEL Corporation
Part # AT90PWM1
Download  AT90PWM1 Download
File Size   399.99 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

AT90PWM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90PWM1 Datasheet PDF - ATMEL Corporation

Part # AT90PWM1
Download  AT90PWM1 Click to download

File Size   399.99 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 8K Bytes In-System Programmable Flash

AT90PWM1 Datasheet (HTML) - ATMEL Corporation


AT90PWM1 Product details

Overview
The AT90PWM1 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the AT90PWM1 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.

Features
• High Performance, Low Power AVR ® 8-bit Microcontroller
• Advanced RISC Architecture
   – 131 Powerful Instructions - Most Single Clock Cycle Execution
   – 32 x 8 General Purpose Working Registers
   – Fully Static Operation
   – Up to 1 MIPS throughput per MHz
   – On-chip 2-cycle Multiplier
• Data and Non-Volatile Program Memory
   – 8K Bytes Flash of In-System Programmable Program Memory
      • Endurance: 10,000 Write/Erase Cycles
   – Optional Boot Code Section with Independent Lock Bits
• In-System Programming by On-chip Boot Program
• True Read-While-Write Operation
   – 512 Bytes of In-System Programmable EEPROM
• Endurance: 100,000 Write/Erase Cycles
   – 512 Bytes Internal SRAM
   – Programming Lock for Flash Program and EEPROM Data Security
• On Chip Debug Interface (debugWIRE)
• Peripheral Features
   – Two 12-bit High Speed PSC (Power Stage Controllers) with 4-bit Resolution
      Enhancement
      • Non Overlapping Inverted PWM Output Pins With Flexible Dead-Time
      • Variable PWM duty Cycle and Frequency
      • Synchronous Update of all PWM Registers
      • Auto Stop Function for Event Driven PFC Implementation
      • Less than 25 Hz Step Width at 150 kHz Output Frequency
      • PSC2 with four Output Pins and Output Matrix
   – One 8-bit General purpose Timer/Counter with Separate Prescaler and Capture
      Mode
   – One 16-bit General purpose Timer/Counter with Separate Prescaler, Compare
      Mode and Capture Mode
   – Master/Slave SPI Serial Interface
   – 10-bit ADC
      • 8 Single Ended Channels and 1 Fully Differential ADC Channel Pair
      • Programmable Gain (5x, 10x, 20x, 40x on Differential Channel)
      • Internal Reference Voltage
   – Two Analog Comparator with Resistor-Array to Adjust Comparison Voltage
   – 4 External Interrupts
   – Programmable Watchdog Timer with Separate On-Chip Oscillator
• Special Microcontroller Features
   – Low Power Idle, Noise Reduction, and Power Down Modes
   – Power On Reset and Programmable Brown Out Detection
   – Flag Array in Bit-programmable I/O Space (4 bytes)
   – In-System Programmable via SPI Port
   – Internal Calibrated RC Oscillator ( 8 MHz)
   – On-chip PLL for fast PWM ( 32 MHz, 64 MHz) and CPU (16 MHz)
• Operating Voltage: 2.7V - 5.5V
• Extended Operating Temperature:
   – -40°C to +105°




Similar Part No. - AT90PWM1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM1 ATMEL-AT90PWM1 Datasheet
3Mb / 297P
High Performance, Low Power AVR 8-bit Microcontroller
AT90PWM161 ATMEL-AT90PWM161 Datasheet
3Mb / 327P
131 powerful instructions - most single clock cycle execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
131 powerful instructions - most single clock cycle execution
AT90PWM1 ATMEL-AT90PWM1_14 Datasheet
3Mb / 297P
High Performance, Low Power AVR 8-bit Microcontroller
More results


Similar Description - AT90PWM1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com