Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM1 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT90PWM1
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM1 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT90PWM1 Datasheet HTML 1Page - ATMEL Corporation AT90PWM1 Datasheet HTML 2Page - ATMEL Corporation AT90PWM1 Datasheet HTML 3Page - ATMEL Corporation AT90PWM1 Datasheet HTML 4Page - ATMEL Corporation AT90PWM1 Datasheet HTML 5Page - ATMEL Corporation AT90PWM1 Datasheet HTML 6Page - ATMEL Corporation AT90PWM1 Datasheet HTML 7Page - ATMEL Corporation AT90PWM1 Datasheet HTML 8Page - ATMEL Corporation AT90PWM1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
4378CS–AVR–09/08
AT90PWM1
3.1
Pin Descriptions
Table 3-1.
Pin out description
QFN32
S024 Pin Number
Mnemonic
Type
Name, Function & Alternate Function
5
7
GND
Power
Ground: 0V reference
20
18
AGND
Power
Analog Ground: 0V reference for analog part
4
6
VCC
power
Power Supply:
19
17
AVCC
Power
Analog Power Supply: This is the power supply voltage for analog
part
For a normal use this pin must be connected.
21
19
AREF
Power
Analog Reference : reference for analog converter . This is the
reference voltage of the A/D converter. As output, can be used by
external analog
88
PBO
I/O
MISO (SPI Master In Slave Out)
PSCOUT20 output
99
PB1
I/O
MOSI (SPI Master Out Slave In)
PSCOUT21 output
16
16
PB2
I/O
ADC5 (Analog Input Channel5 )
INT1
23
20
PB3
I/O
AMP0- (Analog Differential Amplifier 0 Input Channel )
24
21
PB4
I/O
AMP0+ (Analog Differential Amplifier 0 Input Channel )
26
22
PB5
I/O
ADC6 (Analog Input Channel 6)
INT 2
27
23
PB6
I/O
ADC7 (Analog Input Channel 7)
ICP1B (Timer 1 input capture alternate input)
PSCOUT11 output
28
24
PB7
I/O
PSCOUT01 output
ADC4 (Analog Input Channel 4)
SCK (SPI Clock)
29
1
PD0
I/O
PSCOUT00 output
XCK (UART Transfer Clock)
SS_A (Alternate SPI Slave Select)
32
3
PD1
I/O
PSCIN0 (PSC 0 Digital Input )
CLKO (System Clock Output)
14
PD2
I/O
PSCIN2 (PSC 2 Digital Input)
OC1A (Timer 1 Output Compare A)
MISO_A (Programming & alternate SPI Master In Slave Out)
25
PD3
I/O
TXD (Dali/UART Tx data)
OC0A (Timer 0 Output Compare A)
SS (SPI Slave Select)
MOSI_A (Programming & alternate Master Out SPI Slave In)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com