Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK953BD Datasheet (PDF) - NXP Semiconductors

PCK953BD Datasheet PDF - NXP Semiconductors
Part # PCK953BD
Download  PCK953BD Download
File Size   92.41 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL

PCK953BD Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK953BD Datasheet PDF - NXP Semiconductors

Part # PCK953BD
Download  PCK953BD Click to download

File Size   92.41 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL

PCK953BD Datasheet (HTML) - NXP Semiconductors


PCK953BD Product details

General description
The PCK953 is a 3.3 V compatible, PLL-based clock driver device targeted for high performance clock tree designs. With output frequencies of up to 125 MHz, and output skews of 100 ps, the PCK953 is ideal for the most demanding clock tree designs. The devices employ a fully differential PLL design to minimize cycle-to-cycle and phase jitter.

Features
■ Fully integrated PLL
■ Output frequency up to 125 MHz in PLL mode
■ Outputs disable in high-impedance
■ LQFP32 packaging
■ 55 ps cycle-to-cycle jitter typical
■ 9 mA quiescent current typical
■ 60 ps static phase offset typical




Similar Part No. - PCK953BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953BD PHILIPS-PCK953BD Datasheet
71Kb / 8P
50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
2001 Feb 08
More results


Similar Description - PCK953BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953 PHILIPS-PCK953 Datasheet
71Kb / 8P
50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
2001 Feb 08
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
logo
TAI-SAW TECHNOLOGY CO.,...
TW0284A TAI-SAW-TW0284A Datasheet
272Kb / 5P
7.0x5.0 XO 125 MHz PECL Output Oscillator
logo
Cypress Semiconductor
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
3.3 V 125 MHz Multi-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_11 Datasheet
370Kb / 13P
3.3 V, 125-MHz Multi-Output Zero Delay Buffer Output frequency up to 125 MHz
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_12 Datasheet
438Kb / 10P
3.3 V 125 MHz Multi-Output Zero Delay Buffer
logo
ON Semiconductor
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
MC100EL90 ONSEMI-MC100EL90 Datasheet
147Kb / 6P
-3.3 V / -5V Triple ECL Input to PECL Output Translator
July, 2016 ??Rev. 4
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com