Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK953 Datasheet (PDF) - NXP Semiconductors

PCK953 Datasheet PDF - NXP Semiconductors
Part # PCK953
Download  PCK953 Download
File Size   71.1 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver

PCK953 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCK953 Datasheet PDF - NXP Semiconductors

Part # PCK953
Download  PCK953 Click to download

File Size   71.1 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver

PCK953 Datasheet (HTML) - NXP Semiconductors


PCK953 Product details

DESCRIPTION
The PCK953 is a 3.3 V compatible, PLL-based clock driver device targeted for high performance clock tree designs. With output frequencies of up to 125 MHz, and output skews of 100 ps, the PCK953 is ideal for the most demanding clock tree designs. The devices employ a fully differential PLL design to minimize cycle-to-cycle and phase jitter.

FEATURES
• Fully integrated PLL
• Output frequency up to 125 MHz in PLL mode
• Outputs disable in high impedance
• LQFP packaging
• 55 ps cycle-to-cycle jitter typical
• 9 mA quiescent current, ICCA, typical
• 60 ps static phase offset typical
• Less than 10 µA quiescent current, lCCO, typical




Similar Part No. - PCK953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953 NXP-PCK953 Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
PCK953BD NXP-PCK953BD Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
PCK953BD/G NXP-PCK953BD/G Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
More results


Similar Description - PCK953

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
MPC9992 MOTOROLA-MPC9992 Datasheet
143Kb / 12P
3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
logo
NXP Semiconductors
PCK953 NXP-PCK953 Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
logo
ON Semiconductor
NB3N3020 ONSEMI-NB3N3020 Datasheet
131Kb / 8P
3.3 V, LV-PECL/LV-CMOS Clock Multiplier
September, 2008 ??Rev. 0
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
ON Semiconductor
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com