Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK953 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCK953
Description  50-125 MHz PECL input/9 CMOS output 3.3 V PLL clock driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK953 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCK953 Datasheet HTML 1Page - NXP Semiconductors PCK953 Datasheet HTML 2Page - NXP Semiconductors PCK953 Datasheet HTML 3Page - NXP Semiconductors PCK953 Datasheet HTML 4Page - NXP Semiconductors PCK953 Datasheet HTML 5Page - NXP Semiconductors PCK953 Datasheet HTML 6Page - NXP Semiconductors PCK953 Datasheet HTML 7Page - NXP Semiconductors PCK953 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips
Semiconductors
PCK953
50–125 MHz PECL input/9 CMOS output
3.3 V PLL clock driver
Product specification
Supersedes data of 2000 Oct 25
ICL03 — PC Motherboard ICs; Logic Products
Group
2001 Feb 08
INTEGRATED CIRCUITS


Similar Part No. - PCK953

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK953 NXP-PCK953 Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
PCK953BD NXP-PCK953BD Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
PCK953BD/G NXP-PCK953BD/G Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
More results

Similar Description - PCK953

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC9600 MOTOROLA-MPC9600 Datasheet
321Kb / 16P
LOW VOLTAGE 2.5 V AND 3.3 V CMOS PLL CLOCK DRIVER
MPC9992 MOTOROLA-MPC9992 Datasheet
143Kb / 12P
3.3 DIFFRERENTIAL ECL/PECL PLL CLOCK GENERATOR
logo
ON Semiconductor
NBXDBA014 ONSEMI-NBXDBA014 Datasheet
100Kb / 6P
3.3 V, 62.5 MHz / 125 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 1
logo
NXP Semiconductors
PCK953 NXP-PCK953 Datasheet
92Kb / 15P
20 MHz to 125 MHz PECL input, 9 CMOS output, 3.3 V PLL
Rev. 05-9 October 2008
logo
ON Semiconductor
NB3N3020 ONSEMI-NB3N3020 Datasheet
131Kb / 8P
3.3 V, LV-PECL/LV-CMOS Clock Multiplier
September, 2008 ??Rev. 0
logo
Freescale Semiconductor...
MPC9600FA FREESCALE-MPC9600FA Datasheet
326Kb / 16P
LOW VOLTAGE 2.5V AND 3.3 V CMOS PLL CLOCK DRIVER
logo
ON Semiconductor
NBXDBA014LNHTAG ONSEMI-NBXDBA014LNHTAG Datasheet
114Kb / 6P
3.3 V, 62.5 MHz 125 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 4
NBXDBA019 ONSEMI-NBXDBA019_10 Datasheet
136Kb / 6P
3.3 V, 125 MHz / 250 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
logo
Renesas Technology Corp
ICS558-01 RENESAS-ICS558-01 Datasheet
322Kb / 7P
PECL/CMOS TO CMOS CLOCK DRIVER
051310
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com