Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS558-01 Datasheet (PDF) - Renesas Technology Corp

ICS558-01 Datasheet PDF - Renesas Technology Corp
Part # ICS558-01
Download  ICS558-01 Download
File Size   322.26 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PECL/CMOS TO CMOS CLOCK DRIVER

ICS558-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS558-01 Datasheet PDF - Renesas Technology Corp

Part # ICS558-01
Download  ICS558-01 Click to download

File Size   322.26 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PECL/CMOS TO CMOS CLOCK DRIVER

ICS558-01 Datasheet (HTML) - Renesas Technology Corp


ICS558-01 Product details

Features
• 16-pin TSSOP package
• Pb (lead) free package
• Selectable PECL or CMOS inputs
• Operates up to 250 MHz
• Works as a voltage translator
• Four low skew (<250 ps) outputs
• Selectable internal divider
• Operating input voltages of 3.3 V or 5.0 V
• Operating output voltages of 2.5 V, 3.3 V or 5.0 V
• Ideal for IA64 designs




Similar Part No. - ICS558-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS558-01 ICST-ICS558-01 Datasheet
134Kb / 5P
PECL/CMOS TO CMOS CLOCK DIVIDER
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
More results


Similar Description - ICS558-01

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC949 MOTOROLA-MPC949 Datasheet
127Kb / 6P
LOW VOLTAGE 1:15 PECL TO CMOS CLOCK DRIVER
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
Quad CMOS to PECL* Translator
1996 REV 5
logo
Integrated Circuit Syst...
ICS508 ICST-ICS508 Datasheet
49Kb / 5P
PECL to CMOS Converter
Revision 012400
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
1 to 16 PECL to CMOS Buffalo??Clock Driver
Revision 112399
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
logo
Integrated Circuit Syst...
ICS558-01 ICST-ICS558-01 Datasheet
134Kb / 5P
PECL/CMOS TO CMOS CLOCK DIVIDER
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY10H352 MICREL-SY10H352 Datasheet
59Kb / 5P
QUAD CMOS-to-PECL TRANSLATOR
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
PECL to TTL Clock Driver
August, 2016 ??Rev. 9
logo
Integrated Device Techn...
ICS558-01 IDT-ICS558-01 Datasheet
122Kb / 6P
PECL/CMOS TO CMOS CLOCK DRIVER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com